전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3V65T1J-R

  • AI
    The **M3V65T1J-R** is a specific part number belonging to a series of **Voltage Controlled Crystal Oscillators (VCXO)**, typically manufactured by suppliers like MtronPTI. These components are critical in telecommunications and data processing for frequency control. --- ### 1. Technical Specifications Below is a breakdown of the typical technical parameters for this component class: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) | | **Output Type** | CMOS / TTL Compatible | | **Supply Voltage (Vcc)** | 3.3V (indicated by the '3' in the prefix) | | **Package Style** | Surface Mount Device (SMD) | | **Stability** | ±50ppm or ±100ppm (Variable by sub-code) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Part Number Breakdown (Nomenclature) While manufacturers have specific internal codes, the string generally translates to these electronic characteristics: * **M3V:** Represents the 3.3V Voltage Controlled Oscillator series in an SMD package (often 5x7mm). * **65:** Often refers to the frequency stability or specific pullability range (how much the frequency can be "stretched" by the control voltage). * **T:** Temperature range indicator (commonly Industrial -40/+85°C). * **1J:** Specific internal revision or output symmetry code. * **-R:** Indicates compliance with **RoHS** (Restriction of Hazardous Substances) and often implies Tape & Reel packaging. --- ### 3. Functional Components & Operation The M3V65T1J-R operates using three primary internal stages: 1. **Crystal Resonator:** A quartz crystal that provides the base stable frequency. 2. **Varactor Diode:** A voltage-variable capacitor. By changing the "Control Voltage" pin, the capacitance changes, which slightly shifts the crystal's oscillation frequency. 3. **Output Buffer:** Ensures the signal is strong enough to drive other digital components (CMOS levels) without distorting the waveform. ### 4. Common Applications * **Phase-Locked Loops (PLL):** Used to synchronize internal clocks with external data streams. * **Telecommunications:** Used in SONET/SDH equipment and cellular base stations. * **Video Equipment:** Used for clock recovery in professional broadcast digital video. ---
    ✨ Follow-up Questions
    • ⤷What is the specific frequency range available for the M3V series?
    • ⤷ How does the control voltage range affect the 'pullability' of this VCXO?
    • ⤷ What are the footprint dimensions for the SMD package of this part?