전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3V65T2CJ-R

  • AI
    ## Analysis of the M3V65T2CJ-R The **M3V65T2CJ-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**, often manufactured by companies like Sumida. It is designed for high-efficiency power conversion circuits. --- ### 1. Key Technical Specifications Below are the typical specifications for this component series: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Power Inductor (SMD) | | **Inductance** | Varies by sub-model (Check datasheet for exact "T2CJ" value) | | **Tolerance** | ±20% (Typical) | | **Operating Temperature** | -40°C to +125°C (Includes self-heating) | | **Construction** | Magnetic Shielded | | **Mounting Type** | Surface Mount (SMT) | | **Packaging** | Tape & Reel (indicated by the "-R") | --- ### 2. Physical Characteristics * **Magnetic Shielding:** The "M" in the prefix often denotes a metal-composite or shielded construction. This reduces Electromagnetic Interference (EMI), preventing the inductor's magnetic field from affecting nearby sensitive components. * **Dimensions:** The "3V65" typically refers to the physical footprint size (roughly 3.x mm width/length and 6.5mm height or similar, depending on the manufacturer's naming convention). * **Terminals:** High-quality solder pads designed for reflow soldering processes. --- ### 3. Common Applications Inductors like the M3V65T2CJ-R are essential in modern electronics for managing power. Their primary roles include: 1. **DC-DC Converters:** Used in Buck (step-down) or Boost (step-up) converters to store energy. 2. **Voltage Regulators:** Helping maintain a steady voltage for CPUs, GPUs, and FPGAs. 3. **Noise Filtering:** Serving as a low-pass filter to smooth out ripples in power supply lines. 4. **Consumer Electronics:** Commonly found in smartphones, tablets, and laptops due to their small form factor and high current handling. --- ### 4. Part Number Breakdown (Generic Template) | Segment | Meaning | | :--- | :--- | | **M3V** | Series/Product Family (Metal Composite Inductor) | | **65** | Size code (Physical dimensions) | | **T2CJ** | Specific electrical characteristic/Material code | | **-R** | Tape & Reel packaging for automated assembly | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the T2CJ variant?
    • ⤷ Can this inductor be used in automotive-grade applications (AEC-Q200)?
    • ⤷ How does magnetic shielding improve performance in compact PCB designs?