M3V66T2CJ-R
AI

Based on the part number provided, the **M3V66T2CJ-R** is an ultra-low-jitter, high-performance **Voltage Controlled Crystal Oscillator (VCXO)**, typically manufactured by **MtronPTI**.
These components are critical in telecommunications and data processing for clock synchronization and frequency synthesis.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of this series:
| Parameter | Specification Details |
| :--- | :--- |
| **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) |
| **Output Type** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) |
| **Supply Voltage ($V_{dd}$)** | +3.3V DC |
| **Package Size** | 5.0 x 7.0 mm (Ceramic Leadless Chip Carrier) |
| **Frequency Stability** | Typically ±20ppm to ±50ppm |
| **Control Voltage Range** | 0.3V to 3.0V (Typical) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **RoHS Compliance** | Yes (Lead-free/RoHS compliant) |
---
### 2. Functional Description
The M3V series is designed for applications requiring precise frequency control and extremely low phase noise.
* **LVPECL Output:** This differential output signal is ideal for high-speed data transmission because it offers excellent noise immunity and can operate at frequencies exceeding 600MHz.
* **Voltage Control (VC):** The "V" in the part number indicates that the output frequency can be "pulled" or adjusted slightly by changing the input voltage on a specific pin. This is essential for **Phase Locked Loops (PLLs)**.
* **Low Jitter:** It is engineered for sub-picosecond jitter performance, making it suitable for 10G/40G/100G Ethernet and Optical Transport Networks (OTN).
---
### 3. Pin Configuration (Typical 6-Pad)
The standard 5x7mm VCXO package usually follows this layout:
1. **Pin 1 (VC):** Control Voltage (adjusts frequency).
2. **Pin 2 (E/D):** Enable/Disable (Tristate function).
3. **Pin 3 (GND):** Case and Circuit Ground.
4. **Pin 4 (Output):** Standard PECL Output.
5. **Pin 5 (Output):** Complementary PECL Output.
6. **Pin 6 ($V_{dd}$):** Power Supply.
---
### 4. Common Applications
* **Networking:** SONET/SDH, Gigabit Ethernet, and Fiber Channel.
* **Wireless:** Base stations and backhaul equipment.
* **Test & Measurement:** High-speed digitized instrumentation.
* **Clock Jitter Attenuation:** Cleaning up noisy clock signals in complex circuits.
- ⤷
What is the exact center frequency for the M3V66T2CJ-R variant?
- ⤷ How does the LVPECL output compare to LVDS in terms of power consumption?
- ⤷ What are the soldering layout recommendations for the 5x7mm ceramic package?