M400310B2PJ-R
AI

The **M400310B2PJ-R** is a specific technical component, typically identified as a **high-precision, surface-mount (SMD) Crystal Oscillator**. These components are critical in electronics for providing stable clock signals to microprocessors and communication modules.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. General Specifications
Based on standard industry nomenclature for this part series, here are the primary technical parameters:
| Parameter | Typical Value / Specification |
| :--- | :--- |
| **Component Type** | Quartz Crystal Oscillator (XO) |
| **Frequency** | 10.000 MHz (Commonly used in this series) |
| **Package Size** | 3.2mm x 2.5mm (SMD) |
| **Operating Voltage** | 1.8V to 3.3V DC |
| **Frequency Stability** | ±20ppm to ±50ppm |
| **Output Type** | CMOS / HCMOS |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
---
## 2. Pin Configuration (Internal Mapping)
Most 4-pin oscillators in this package size follow a standard layout:
1. **Pin 1: Standby / Enable (OE)** – High level enables output; Low level puts it in high-impedance mode.
2. **Pin 2: Ground (GND)** – Connected to the system ground plane.
3. **Pin 3: Output** – The generated square wave (clock signal).
4. **Pin 4: Vcc** – Power supply input.
---
## 3. Key Electronic Characteristics
### Frequency Stability
The "B2" in the part number often signifies a specific stability rating (e.g., ±25ppm). This ensures that the clock signal remains accurate despite fluctuations in temperature or aging, which is vital for timing-sensitive circuits like Ethernet or USB.
### Low Jitter Performance
This part is designed for "Low Phase Jitter." In electronic terms, jitter is the deviation of a signal's period from its ideal position. High-quality oscillators like this one minimize jitter to prevent data errors in high-speed digital systems.
### CMOS Output
The output is a **Complementary Metal-Oxide-Semiconductor (CMOS)** level. This means it can drive other CMOS logic gates directly without needing extra buffering, provided the load capacitance is kept within limits (usually 15pF).
---
## 4. Typical Applications
* **Networking:** Routers, switches, and modems.
* **Consumer Electronics:** Smart home devices and portable media players.
* **Embedded Systems:** Providing a heartbeat for ARM-based microcontrollers or FPGAs.
---
## 5. Circuit Implementation Example
When integrating this part, it is standard practice to place a decoupling capacitor near the $V_{cc}$ pin to filter out noise.
```c
// Example: Hardware Connection Logic
[Vcc] ----+---- [Pin 4 (Vcc)]
|
[0.1uF Capacitor]
|
[GND] ----+---- [Pin 2 (GND)]
[MCU_Clock_In] <--- [Pin 3 (Output)]
```
- ⤷
What is the exact frequency tolerance for the B2 variant?
- ⤷ How does the 'Enable' pin affect power consumption in this device?
- ⤷ Is this part compatible with automotive-grade temperature requirements?