전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M500116TLK-R

  • AI
    The **M500116TLK-R** is a specific technical part number, typically associated with high-precision mechanical or electromechanical components used in industrial automation, robotics, or optical systems. Based on industrial nomenclature, it often refers to a **linear slide, motor-integrated stage, or a high-torque actuator**. Below is a breakdown of the electronic and electromechanical components typically found in this part series. --- ## 1. Core Specifications Components in this category are designed for precise motion control. The "TLK" suffix often denotes a specific motor type or encoder configuration. | Feature | Description | | :--- | :--- | | **Motor Type** | Usually a 2-phase or 5-phase Stepper Motor or a Brushless DC (BLDC) motor. | | **Feedback System** | Integrated optical or magnetic rotary encoder for closed-loop control. | | **Input Voltage** | Typically 24V DC to 48V DC depending on the driver requirements. | | **Resolution** | High-resolution positioning, often in the micron (μm) range. | --- ## 2. Electronic Component Breakdown ### A. Integrated Sensors The device usually contains internal sensors to manage safety and positioning: * **Limit Sensors:** Hall-effect sensors or photo-interrupters that prevent the mechanism from over-traveling. * **Home Sensor:** A high-precision reference point sensor to calibrate the "Zero" position upon power-up. ### B. The Encoder (Feedback Loop) The "TLK" designation often points to a specific encoder interface: * **Signal Type:** Differential Line Driver (A, /A, B, /B, Z, /Z) to minimize electronic noise. * **Function:** Communicates the real-time position of the motor shaft back to the PLC or Motion Controller to correct for missed steps. ### C. Wiring and Connectivity * **Lead Wires:** Typically shielded twisted-pair cables to prevent Electromagnetic Interference (EMI). * **Connectors:** Industrial-grade circular connectors or high-density D-sub connectors to ensure secure vibration-resistant contact. --- ## 3. Circuit Integration Example To operate the M500116TLK-R, a specific wiring schema is required to interface with a motor driver. ```cpp // Conceptual Logic for a Motion Controller Interface void setup() { pinMode(STEP_PIN, OUTPUT); pinMode(DIR_PIN, OUTPUT); pinMode(ENABLE_PIN, OUTPUT); // High-speed pulse train for M500116 series digitalWrite(ENABLE_PIN, LOW); // Engage Motor } void loop() { // Move to Target Position digitalWrite(DIR_PIN, HIGH); for(int i = 0; i < 800; i++) { digitalWrite(STEP_PIN, HIGH); delayMicroseconds(500); digitalWrite(STEP_PIN, LOW); delayMicroseconds(500); } } ``` --- ## 4. Maintenance and Handling 1. **ESD Protection:** The internal encoder and sensors are sensitive to Electrostatic Discharge. Always use a grounded wrist strap when handling the terminals. 2. **Voltage Regulation:** Ensure the power supply is ripple-free; voltage spikes can damage the internal logic of the TLK feedback module.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the M500116TLK-R connector?
    • ⤷ Which motor driver models are compatible with the TLK encoder interface?
    • ⤷ Is the M500116TLK-R rated for vacuum or cleanroom environments?