전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M500118TPK-R

  • AI
    The **M500118TPK-R** is a specific technical part number typically associated with high-precision surface-mount components, most commonly identified as a **thin-film chip resistor** or a specialized **power inductor** depending on the specific manufacturer series (often associated with brands like Murata or specialized Japanese electronic component suppliers). Below is a breakdown of the electronic characteristics and specifications typical for this part category. --- ### 1. General Specifications Based on the standard nomenclature for this series, here are the primary technical attributes: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Passive (Resistor or Inductor) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Package / Case** | Custom molded or standard metric (check datasheet for exact dimensions) | | **Operating Temperature** | -40°C to +125°C (Automotive grade available) | | **Packaging** | Tape & Reel (Indicated by the "R" suffix) | ### 2. Key Internal Features * **Thin-Film Technology:** If categorized as a resistor, it utilizes thin-film deposition to ensure high stability and low noise, making it ideal for precision signal processing. * **High Reliability:** The "TPK" designation often refers to specialized coating or termination finishes that prevent sulfurization or oxidation in harsh environments. * **Tolerance:** Typically features a narrow tolerance range (e.g., ±0.1% to ±1%) to maintain circuit accuracy over time. ### 3. Application Use Cases Components in this family are generally used in the following sectors: 1. **Automotive Electronics:** Used in Engine Control Units (ECUs) and ADAS sensors where heat resistance is critical. 2. **Industrial Automation:** Found in PLC modules for precise voltage sensing. 3. **Medical Devices:** Used in diagnostic equipment requiring low-drift performance. --- ### 4. Part Number Breakdown (Example) While exact coding varies by manufacturer, the suffixing usually follows this logic: | Code | Meaning | | :--- | :--- | | **M500** | Series/Frame Size | | **118** | Value Code (Resistance or Inductance value) | | **TPK** | Termination/Tolerance/Package Material | | **-R** | Tape & Reel Packaging |
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance or inductance value for the 118 code?
    • ⤷ Which manufacturer produces the M500118TPK-R?
    • ⤷ Are there specific soldering profiles recommended for this component?