전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M500166RPK-R

  • AI
    The **M500166RPK-R** (commonly associated with the **M500166** series) is a high-performance **Step-Down (Buck) Switching Regulator** module, typically used in industrial and automotive power management applications. --- ## 1. Technical Specifications This component is designed to convert a higher DC input voltage into a lower, stabilized DC output voltage with high efficiency. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | DC-DC Step-Down (Buck) Regulator | | **Input Voltage Range** | Typically 4.5V to 28V (model dependent) | | **Output Current** | Up to 2A - 3A | | **Switching Frequency** | High frequency (e.g., 500kHz - 1.5MHz) for small inductor size | | **Package Type** | Surface Mount (SMD) / RPK-style power package | | **Efficiency** | Up to 92-95% | --- ## 2. Internal Electronic Architecture The "RPK-R" suffix often refers to specific packaging and reel requirements, but the internal silicon consists of several critical stages: 1. **Power MOSFETs:** Integrated high-side (and often low-side for synchronous rectification) transistors that handle the switching. 2. **PWM Controller:** The "brain" that modulates the pulse width to maintain a constant output voltage regardless of load changes. 3. **Error Amplifier:** Compares the feedback voltage against an internal reference (usually 0.8V or 1.2V). 4. **Protection Circuitry:** * **Over-Current Protection (OCP):** Limits current to prevent burning out. * **Thermal Shutdown:** Shuts the device off if it exceeds safe operating temperatures. * **UVLO:** Under-Voltage Lockout ensures the chip doesn't start until the input voltage is stable. --- ## 3. External Component Requirements To function as a complete power supply, the M500166RPK-R requires a few passive external components: ```cpp // Typical Circuit Connections [Input Vin] --- [C_in Capacitor] --- [IC Vin Pin] [IC SW Pin] --- [Inductor L1] ------- [Output Vout] | [C_out Capacitor] | [GND] ``` * **Inductor:** Stores energy during the "on" cycle and releases it during "off." * **Input/Output Capacitors:** Smooth out the voltage ripples (low ESR ceramic types are preferred). * **Feedback Resistors:** A voltage divider connected to the FB pin to set the desired output voltage. --- ## 4. Key Features & Benefits * **Thermal Efficiency:** The RPK package is designed with a thermal pad to dissipate heat into the PCB. * **Low Standby Current:** Ideal for battery-operated equipment. * **Fast Transient Response:** Quickly adjusts to sudden changes in current demand (e.g., a CPU waking up).
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage for the M500166 series?
    • ⤷ How do I calculate the feedback resistors for a specific output voltage?
    • ⤷ What are the recommended PCB layout tips for this switching regulator?