전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M50016DTLK-R

  • AI
    ## M50016DTLK-R Electronic Component Overview The **M50016DTLK-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD)** power inductor, commonly used in automotive and industrial power management circuits. It is part of a series designed for high-frequency DC-DC converters and power supply filtering. --- ### 1. Technical Specifications Below are the typical parameters for this component type: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Power Inductor / Shielded Inductor | | **Inductance** | 1.6 µH (Nominal) | | **Tolerance** | ±20% | | **Current Rating (Isat)** | ~10A - 15A (Depending on temperature rise) | | **DCR (DC Resistance)** | Very Low (mΩ range) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Operating Temp** | -40°C to +125°C or +150°C | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ### 2. Key Features * **Magnetic Shielding:** The "DT" or similar designations often imply a shielded construction, which minimizes electromagnetic interference (EMI) with surrounding components. * **High Saturation Current:** Designed to handle high peak currents without the core saturating, ensuring stability in switching power supplies. * **Low Profile:** The "TLK" package code usually refers to a specific footprint and height optimized for compact PCB layouts. * **AEC-Q200 Compliance:** If used in automotive contexts, these parts are tested for high vibration and thermal shock resistance. --- ### 3. Pinout and Internal Structure Since this is a two-terminal passive inductor, there is no complex pinout. ```text [Top View] _____________ | | | ( 1.6 ) | <-- Value Marking |_____________| | | Term 1 Term 2 ``` * **Terminals:** Non-polarized (can be soldered in either direction). * **Core Material:** Usually a Metal Alloy or Ferrite core optimized for high-frequency efficiency. --- ### 4. Typical Applications 1. **Automotive ECU:** Power regulation for Engine Control Units. 2. **Infotainment Systems:** Filtering noise in car audio and display units. 3. **DC-DC Converters:** Buck, Boost, or Buck-Boost converters in industrial hardware. 4. **High-Current VRMs:** Voltage Regulator Modules for processors.
    ✨ Follow-up Questions
    • ⤷ What is the exact saturation current for the M50016DTLK-R?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ Can you provide a cross-reference for an equivalent inductor from Bourns or TDK?