전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M500218TLK-R

  • AI
    The **M500218TLK-R** is a specific surface-mount electronic component, typically categorized as a **High-Current Power Inductor** or a **Chip Bead/Ferrite** used primarily for power management and EMI (Electromagnetic Interference) suppression. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the general technical parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Power Inductor / Ferrite Chip | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Current Rating** | High Current (Typically 1A - 6A range) | | **Resistance (DCR)** | Ultra-low DC Resistance (mΩ range) | | **Operating Temp** | -40°C to +125°C | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ### 2. Physical Characteristics The part number follows a specific sizing and material convention: * **Dimensions:** The numeric code "0218" usually refers to the physical footprint (e.g., 2.0mm x 1.8mm). * **Construction:** It features a monolithic structure or a wire-wound core encased in a magnetic shield to prevent interference with neighboring components. * **Termination:** Lead-free (RoHS compliant) tin-plated terminals for reliable soldering. --- ### 3. Functional Role in Circuits The M500218TLK-R serves three primary functions in an electronic assembly: 1. **Noise Filtering:** It acts as a low-pass filter, allowing DC current to pass while blocking high-frequency AC noise. 2. **Energy Storage:** In DC-DC converter circuits (Buck/Boost), it stores energy in its magnetic field during the switching cycle. 3. **EMI Suppression:** Prevents electromagnetic interference from escaping the device or entering sensitive analog stages. --- ### 4. Typical Applications This component is commonly found in space-constrained, high-performance electronics: * **Mobile Devices:** Smartphones and tablets for battery power management. * **Computing:** Localized power regulation for CPUs and GPUs. * **Automotive:** Infotainment systems and sensor modules. * **Industrial:** Compact IoT sensors and communication modules. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value (uH) for the TLK variant?
    • ⤷ How does the 'R' suffix affect the manufacturing assembly process?
    • ⤷ What are the recommended soldering profiles for this SMD component?