전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5CT-15-R/

  • AI
    The **M5CT-15-R** is a specific type of **Current Transformer (CT)** commonly used in industrial automation, energy monitoring, and power distribution systems. This component is designed to scale down high primary currents to a lower, measurable secondary current. --- ### 1. Technical Specifications The "M5CT" series typically follows a standard set of electronic parameters defined by the manufacturer (often associated with brands like **M-System** or similar industrial electronics providers). | Parameter | Typical Value / Description | | :--- | :--- | | **Primary Current Range** | 0 - 15A AC | | **Secondary Output** | Standardized (often 5A or mA levels depending on model) | | **Accuracy Class** | 1.0 or 0.5 (Industrial Grade) | | **Frequency Range** | 50/60 Hz | | **Insulation Resistance** | 100 MΩ or higher (at 500V DC) | | **Mounting Type** | DIN Rail or Surface Mount | --- ### 2. Key Electronic Features * **Toroidal Core Design:** Uses a high-permeability magnetic core to ensure linear transformation of AC current without significant phase shift or saturation. * **Galvanic Isolation:** Provides physical and electrical separation between the high-voltage primary conductor and the low-voltage monitoring circuitry, ensuring safety for the user and the controller (PLC/DCS). * **Encapsulation:** Usually resin-molded or housed in a flame-retardant (UL94V-0) plastic casing to protect internal windings from humidity and mechanical vibration. --- ### 3. Connection and Circuit Integration When integrating the M5CT-15-R into an electronic system, the primary wire is passed through the center of the transformer, and the secondary terminals are connected to a load (burden) or a measurement device. ```arduino // Typical Signal Path [ High Current Load ] | |---( Primary Loop through M5CT-15-R ) | | [ Secondary Output ] └---> [ Power Meter / Transducer ] └---> [ PLC / SCADA System ] ``` --- ### 4. Application Use Cases 1. **Motor Load Monitoring:** Tracking the health of industrial motors by measuring current consumption. 2. **Energy Management:** Measuring power usage in sub-panels for billing or efficiency analysis. 3. **Overcurrent Protection:** Providing a signal to a relay to trip the circuit if the current exceeds 15A. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum burden resistance supported by the M5CT-15-R?
    • ⤷ How does the accuracy class change at different current levels for this model?
    • ⤷ Can this current transformer be used for DC current measurement?