전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5DY-3-R

  • AI
    ## Analysis of the M5DY-3-R (Reed Switch) The **M5DY-3-R** is a specific model of a magnetic proximity sensor, commonly referred to as a **Reed Switch**. It is widely used in industrial automation, particularly for position sensing on pneumatic cylinders. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Sensor Type** | Magnetic Reed Switch | | **Wiring System** | 2-Wire Type | | **Logic** | Normally Open (SPST) | | **Voltage Range** | 5V to 240V AC/DC | | **Max Switching Current** | 100 mA | | **Contact Capacity** | Max 10W | | **Indicator Lamp** | Red LED (Lights up when triggered) | | **Internal Voltage Drop** | 3.5V Max | --- ### 2. Internal Components and Construction The "electronic parts" of this device are relatively simple but robust, designed for high-cycle industrial environments: 1. **Reed Capsule:** Two ferromagnetic metal reeds encapsulated in a glass tube. In the presence of a magnetic field, the reeds pull together to complete the circuit. 2. **Protective Resistor/Diode:** Limits current to protect the internal LED and ensures the circuit doesn't short out during switching. 3. **LED Indicator:** A small Light Emitting Diode connected in series/parallel to provide visual feedback when the magnetic field has successfully closed the switch. 4. **Casing:** Usually made of oil-resistant plastic or resin, designed to slide into the "T-slot" or "C-slot" of an air cylinder. 5. **Cable:** Typically a PVC-jacketed 2-core cable (Brown for Positive/Live, Blue for Negative/Neutral). --- ### 3. Connection Diagram Since it is a 2-wire device, it acts as a simple switch in series with the load. ```text [ Power + ] ----(Brown Wire)---- [ M5DY-3-R ] ----(Blue Wire)---- [ Load/PLC Input ] ---- [ Power - ] ``` > **Warning:** Never connect the Brown and Blue wires directly to a power source without a load (like a relay or PLC input), as this will cause an immediate short circuit and destroy the internal reed contact. --- ### 4. Common Applications * **Pneumatic Cylinders:** Sensing the end-of-stroke position of a piston. * **Safety Interlocks:** Detecting if a guard or door is closed. * **Limit Switching:** Detecting the presence of a magnetic carrier on a conveyor.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 2-wire and a 3-wire M5DY sensor?
    • ⤷ Can this sensor be used with both AC and DC power supplies?
    • ⤷ How do I troubleshoot an M5DY-3-R that is not triggering?