전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5DY-A-R

  • AI
    The **M5DY-A-R** is a specific model within the **M5DY series** of electronic signal conditioners/transducers, typically manufactured by companies like **M-System**. These devices are used in industrial automation to convert one type of electrical signal into another for monitoring or control purposes. Below is a breakdown of its technical characteristics and internal electronic functions. --- ### 1. Model Breakdown (Nomenclature) The suffix "-A-R" defines the specific electrical configuration of the device: | Component | Meaning | Description | | :--- | :--- | :--- | | **M5DY** | Series Name | Ultra-slim Signal Conditioner (Potentiometer Transmitter). | | **-A** | Input Type | Potentiometer input (usually 100 $\Omega$ to 10 k$\Omega$). | | **-R** | Power Input | 24V DC power supply requirement. | --- ### 2. Core Electronic Components & Functions The M5DY-A-R functions as a **Potentiometer Transmitter**. Its internal electronics perform three primary stages: #### A. Input Stage (Sensing) * **Reference Voltage Generator:** The device provides a stable reference voltage across the external potentiometer. * **High-Impedance Buffer:** It measures the wiper position (voltage ratio) without drawing significant current, preventing measurement errors caused by loading effects. #### B. Conversion Stage (Signal Processing) * **Amplification & Linearization:** The variable resistance is converted into a linear voltage or current signal proportional to the position of the potentiometer. * **Zero/Span Adjustments:** Accessible electronic trimmers (or digital scaling) allow the user to calibrate the 0% and 100% points of the physical movement to the electrical output. #### C. Output Stage (Isolation & Transmission) * **Optical Isolation:** Provides electrical isolation (typically up to 2000V AC) between the input, output, and power supply to protect sensitive PLC/DCS equipment from ground loops and surges. * **Current/Voltage Driver:** Converts the processed signal into a standard industrial format (e.g., 4–20mA DC or 1–5V DC). --- ### 3. Technical Specifications Typical electrical parameters for this class of device include: | Feature | Specification | | :--- | :--- | | **Supply Voltage** | 24V DC ($\pm$10%) | | **Input Signal** | Potentiometer (Total resistance 100 $\Omega$ – 10 k$\Omega$) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Response Time** | $\leq$ 0.5 seconds (standard) | | **Accuracy** | $\pm$0.1% of span | | **Mounting** | DIN Rail (Ultra-slim 7.5mm width) | --- ### 4. Wiring Diagram Overview The electronics are interfaced via terminal blocks, usually following this logic: ```text [ Power Supply ] --- (24V DC Pins) [ Potentiometer ] --- (High, Wiper, Low Pins) [ Output Loop ] --- (4-20mA or 0-10V Pins to PLC) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific output signal options available for the M5DY series?
    • ⤷ How do you calibrate the Zero and Span on the M5DY-A-R?
    • ⤷ What is the maximum power consumption of this device during operation?