M5M5-5-R
AI

The **M5M-5-R** refers to a specific series of miniature high-voltage power supplies manufactured by **UltraVolt** (now a brand under Advanced Energy). These modules are known for converting a low-voltage DC input into a high-precision, high-voltage DC output.
---
## 1. Technical Specifications
The "M5M-5-R" nomenclature defines the specific operating parameters of the device:
| Parameter | Specification |
| :--- | :--- |
| **Series** | M Series (Micro-sized) |
| **Input Voltage** | 5V DC |
| **Output Voltage Range** | 0 to 500V DC |
| **Polarity** | -R (Reversible or specific Polarity designation)* |
| **Max Power Output** | Typically 0.5W to 1W depending on specific sub-variant |
| **Control Interface** | Analog (0 to 5V control signal) |
*\*Note: In the UltraVolt M series, "R" often signifies remote control capabilities or specific mounting/shielding configurations.*
---
## 2. Key Electronic Components
Internally, the M5M-5-R consists of several sophisticated stages to achieve high-voltage conversion in a tiny footprint:
### A. DC-to-DC Converter (Oscillator)
The unit uses a high-frequency switching regulator. It takes the 5V input and "chops" it into a high-frequency AC signal. High frequency is used to keep the internal transformer size as small as possible.
### B. Step-Up Transformer
A miniature ferrite-core transformer steps up the low-voltage AC signal to a high-voltage AC signal.
### C. Cockcroft-Walton Multiplier
To reach 500V, the device employs a voltage multiplier circuit consisting of high-voltage diodes and capacitors. This stages the voltage upward while rectifying it back to DC.
### D. Feedback & Control Loop
The module contains a sensing resistor string that monitors the output voltage. This feedback is sent to an internal error amplifier that adjusts the switching frequency or pulse width to maintain a stable, regulated output regardless of load changes.
---
## 3. Pinout and Connectivity
Most M-Series modules utilize a standard pin configuration for PCB mounting:
```text
Pin 1: Input Power (+5V DC)
Pin 2: Power Ground
Pin 3: Control Voltage (0-5V to set 0-500V output)
Pin 4: Reference Voltage (Internal stable 5V output)
Pin 5: High Voltage Ground
Pin 6: High Voltage Output (0 to 500V)
```
---
## 4. Typical Applications
Due to its small size and precision, the M5M-5-R is commonly used in:
* **Photomultiplier Tubes (PMT):** Providing bias voltage.
* **Avalanche Photodiodes (APD):** Precise voltage for light detection.
* **Mass Spectrometry:** Powering ion detectors.
* **Piezoelectric Actuators:** Small-scale precision movement.
---
- ⤷
What is the difference between the M series and the C series from UltraVolt?
- ⤷ How do I calculate the ripple voltage for this specific module?
- ⤷ Can the output polarity be changed manually on the -R model?