전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5PT-24-R

  • AI
    The **M5PT-24-R** is a high-performance, industrial-grade AC/DC power supply module, typically used in DIN-rail mounting configurations for automation and control systems. It is designed to convert high-voltage AC input into a stable 24V DC output. --- ### 1. Key Technical Specifications The following table highlights the primary electronic characteristics of the M5PT-24-R: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Input Voltage Range** | 85 - 264 VAC | Universal AC input range | | **Output Voltage** | 24 VDC | Regulated DC output | | **Current Rating** | ~5 Amps (typical) | Varies slightly by specific sub-model | | **Power Rating** | 120W | Total output power capacity | | **Efficiency** | >88% | High energy efficiency, low heat dissipation | | **Mounting Type** | DIN Rail | Standard 35mm industrial rail | --- ### 2. Core Electronic Components The internal architecture of the M5PT-24-R consists of several critical stages: 1. **EMI Filter Stage:** Prevents electromagnetic interference from entering the power grid and protects the internal circuits from line noise. 2. **Rectifier & PFC:** Converts AC to DC and includes **Power Factor Correction (PFC)** to improve energy efficiency and reduce harmonic distortion. 3. **Switching Transformer:** The "heart" of the SMPS (Switched-Mode Power Supply), which steps down the voltage through high-frequency switching. 4. **Output Rectification & Smoothing:** Uses high-speed Schottky diodes and large electrolytic capacitors to provide a clean, ripple-free 24V DC signal. 5. **Feedback Loop (Optoisolator):** Constantly monitors the output voltage and adjusts the switching frequency to maintain a steady 24V regardless of load changes. --- ### 3. Protection Features To ensure the safety of connected sensitive electronics (like PLCs or sensors), the module includes: * **Overload Protection:** Limits output current to prevent overheating. * **Overvoltage Protection (OVP):** Shuts down the unit if the voltage exceeds a safe threshold (typically >28V). * **Short Circuit Protection:** Automatically recovers once the fault is removed. * **Thermal Shutdown:** Internal sensors disable the output if the unit exceeds safe operating temperatures. --- ### 4. Typical Applications * **Industrial Automation:** Powering PLCs (Programmable Logic Controllers) and HMI panels. * **Sensors:** Driving 24V inductive, capacitive, or ultrasonic sensors. * **Motor Control:** Providing logic power to VFDs (Variable Frequency Drives). * **IoT Gateways:** Stable power for industrial communication hubs.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M5PT-24-R?
    • ⤷ Does this model support parallel connection for increased power?
    • ⤷ What is the typical MTBF (Mean Time Between Failures) for this unit?