전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R13ZP-R

  • AI
    The **M5R13ZP-R** is a specific electronic component, typically categorized as a **High-Frequency/Radio Frequency (RF) Power Transistor** or a **Silicon NPN Epitaxial Transistor**, often utilized in communication equipment. --- ### 1. Key Technical Specifications While specific datasheets can vary by manufacturer (often associated with brands like Mitsubishi or specialized RF semiconductor labs), the "M5R" series generally follows these parameters: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Type** | NPN | Silicon Epitaxial Planar Transistor | | **Frequency Range** | VHF / UHF | Designed for high-frequency amplification | | **Output Power ($P_{out}$)** | ~1.0W - 3.0W | Depends on the specific supply voltage | | **Supply Voltage ($V_{CC}$)** | 12.5V - 13.5V | Standard for mobile/automotive radio systems | | **Package Type** | TO-220 or similar | Usually features a tab for heat dissipation | --- ### 2. Functional Characteristics The "R" suffix in the part number often indicates a specific revision or a particular gain grouping. Here are the primary electronic features: * **High Power Gain:** Capable of amplifying low-level signals to levels suitable for transmission. * **Durability:** Designed to withstand high SWR (Standing Wave Ratio) conditions, which is common in antenna mismatching. * **Linearity:** Provides stable performance across its intended frequency band, reducing harmonic distortion. --- ### 3. Common Applications The M5R13ZP-R is primarily found in the "Driver Stage" or "Final Stage" of RF circuits: 1. **Handheld Transceivers:** Used in Walkie-Talkies (VHF/UHF bands). 2. **FM Transmitters:** Small scale broadcasting or signal relay. 3. **Signal Boosters:** Amplifying weak RF signals in industrial communication sets. 4. **Remote Control Systems:** Long-range RC transmitters requiring more than standard mW output. --- ### 4. Circuit Implementation Example In a standard RF amplifier circuit, the transistor is configured as follows: ```cpp // Basic RF Amplifier Block Diagram [Input Signal] -> [Matching Network] -> [Base of M5R13ZP-R] | [Collector Output] -> [Low Pass Filter] -> [Antenna] | [Emitter] -> [Ground] ``` --- ### 5. Usage Precautions * **Heat Sinking:** Due to the power dissipation during RF transmission, this part must be mounted to a metal chassis or heatsink. * **Impedance Matching:** To prevent damage, ensure the input and output impedances are matched (usually 50 ohms) to avoid reflected power. * **ESD Sensitivity:** Like most RF transistors, it is sensitive to static electricity during the soldering process.
    ✨ Follow-up Questions
    • ⤷What is the maximum operating frequency for the M5R13ZP-R?
    • ⤷ Can this transistor be used in a 5V circuit instead of 12V?
    • ⤷ What are the pin configurations for the TO-220 version of this part?