전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R14RHJ-R

  • AI
    The **M5R14RHJ-R** is a high-performance, precision MEMS (Micro-Electro-Mechanical Systems) oscillator produced by **SiTime**. It is part of the Endura™ series, specifically engineered for high-reliability applications such as aerospace, defense, and heavy industrial use. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | MEMS Differential Oscillator | | **Output Type** | LVDS / LVPECL / HCSL (Configurable) | | **Frequency Range** | Typically 1 MHz to 220 MHz | | **Stability** | ±10 ppm to ±50 ppm (High Stability) | | **Supply Voltage** | 2.5V, 2.8V, 3.3V | | **Operating Temp** | -55°C to +125°C (Military Grade) | | **Package Size** | 3.2 x 2.5 mm (Standard 6-pin) | --- ### 2. Core Electronic Components & Architecture The internal architecture of the M5R14RHJ-R consists of two primary dies integrated into a single package: #### A. MEMS Resonator Die Unlike traditional quartz crystals, this part uses a **silicon resonator**. It is etched from high-purity silicon and vacuum-sealed. - **Benefit:** Highly resistant to mechanical shock and vibration (up to 20,000g). #### B. Programmable Analog CMOS IC This chip contains the drive circuitry, fractional-N PLL (Phase-Locked Loop), and temperature compensation circuits. - **Temperature Compensation:** It uses a temperature sensor and a compensation algorithm to ensure frequency stability across the entire -55°C to +125°C range. - **Output Drivers:** Converts the internal clock signal into high-speed differential signals (like LVDS or LVPECL) to minimize EMI (Electromagnetic Interference). --- ### 3. Distinctive Features 1. **Extreme Ruggedness:** Designed to withstand high levels of "g-force" and acoustic noise, making it superior to quartz in harsh environments. 2. **Low Jitter:** Provides excellent phase noise performance, which is critical for high-speed data transmission and FPGA clocking. 3. **No "Activity Dips":** Traditional quartz crystals often suffer from frequency drops at specific temperatures; MEMS technology eliminates this failure mode. 4. **Supply Noise Rejection:** Features internal LDOs (Low Dropout Regulators) to filter power supply noise, ensuring the clock remains clean even in noisy electronic environments. --- ### 4. Implementation Example (System Integration) When integrating this part into a PCB design, the following pinout logic is typically followed: ```c // Typical 6-Pin Configuration for M5R14RHJ series: Pin 1: NC (No Connect) or OE (Output Enable) Pin 2: NC (No Connect) Pin 3: GND (Ground) Pin 4: OUT+ (Positive Differential Output) Pin 5: OUT- (Negative Differential Output) Pin 6: VDD (Supply Voltage) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of using a MEMS oscillator over a quartz crystal in aerospace applications?
    • ⤷ How does the LVDS output of this part help in reducing EMI?
    • ⤷ Are there specific decoupling capacitor requirements for the VDD pin of the M5R14RHJ-R?