전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R14RPJ-R

  • AI
    Based on the part number provided, the **M5R14RPJ-R** is a high-performance, surface-mount **Clock Oscillator**. This specific series is manufactured by **MtronPTI**, a company specializing in frequency control and spectrum control solutions. --- ## 1. Component Overview The M5R series is designed for high-frequency applications requiring high reliability and stability in a compact form factor. | Feature | Specification | | :--- | :--- | | **Component Type** | Crystal Oscillator (XO) | | **Output Type** | PECL (Positive Emitter-Coupled Logic) | | **Package Style** | 5.0 x 7.0 mm Surface Mount (SMD) | | **Operating Voltage** | Typically 3.3V (indicated by the 'R' series code) | | **Lead Finish** | RoHS Compliant (indicated by the '-R' suffix) | --- ## 2. Part Number Breakdown Understanding the nomenclature helps identify the exact electronic characteristics: * **M5R**: Series identifier. Indicates a 9x14mm or 5x7mm J-leaded/SMD package utilizing PECL logic. * **14**: Represents the frequency stability (typically ±25ppm or ±50ppm depending on the specific datasheet revision). * **RP**: Indicates the operating voltage and temperature range (typically 3.3V). * **J**: Refers to the "J-lead" style or a specific pin configuration for the SMD footprint. * **-R**: Indicates **RoHS Compliance** (Lead-Free). --- ## 3. Key Electronic Characteristics ### A. PECL Output Unlike standard CMOS oscillators, this part uses **PECL** logic. This is critical for high-speed data transfer because: * It provides very fast switching speeds. * It has low jitter, making it ideal for fiber optics and telecommunications. * It requires specific termination (usually 50 ohms to $V_{cc} - 2V$). ### B. Differential Signaling These oscillators typically output differential signals ($Q$ and $\bar{Q}$). This reduces electromagnetic interference (EMI) and improves noise immunity in complex electronic circuits. ### C. Tri-state Functionality The "J" configuration often includes a **Disable/Enable** pin (Pin 1). * **High (or Open):** The oscillator outputs the frequency. * **Low:** The output goes into a high-impedance state, reducing power consumption. --- ## 4. Typical Applications Given its high-frequency stability and PECL output, the M5R14RPJ-R is commonly found in: * **Networking Gear:** Routers, switches, and high-speed hubs. * **Telecommunications:** SONET/SDH equipment. * **Data Storage:** Fibre Channel controllers. * **Testing Equipment:** High-speed oscilloscopes and signal generators. --- ## 5. Circuit Design Considerations When integrating this part into a PCB, engineers must focus on: 1. **Bypass Capacitors:** A 0.01µF to 0.1µF ceramic capacitor should be placed as close to the $V_{cc}$ pin as possible. 2. **Termination:** Since it is a PECL device, proper load termination is required to prevent signal reflection. 3. **Ground Plane:** A solid ground plane is necessary to minimize phase noise.
    ✨ Follow-up Questions
    • ⤷ What is the exact output frequency for this specific part number?
    • ⤷ How does PECL logic compare to LVDS in terms of power consumption?
    • ⤷ What are the soldering profile requirements for the M5R SMD package?