전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R15XP-R

  • AI
    The **M5R15XP-R** is a specific technical component part number, most commonly associated with **Murata Power Solutions**. It belongs to a series of high-performance, isolated DC-DC converters designed for industrial and telecommunications applications. --- ## 1. Core Technical Specifications The "M5R" series typically denotes a miniature, high-reliability power module. Below are the general specifications associated with this part: | Feature | Specification (Typical) | |:---|:---| | **Component Type** | Isolated DC-DC Converter | | **Input Voltage Range** | Usually 4.5V to 5.5V (Standard 5V Rail) | | **Output Voltage** | 15V DC (Regulated) | | **Power Rating** | Approximately 1W - 2W (Series dependent) | | **Isolation Voltage** | 1kV to 3kV DC | | **Package Style** | SIP (Single In-line Package) or DIP | --- ## 2. Key Electronic Characteristics ### A. Galvanic Isolation One of the primary functions of the M5R15XP-R is to provide electrical isolation between the input source and the output load. This is critical for: * **Breaking Ground Loops:** Preventing noise interference in sensitive analog circuits. * **Safety:** Protecting low-voltage logic circuits from high-voltage surges on the output side. ### B. Voltage Regulation Unlike unregulated "bus converters," the "R" suffix in many Murata parts indicates **Regulated** output. This means the 15V output remains stable even if the 5V input fluctuates slightly or the load changes. ### C. Thermal Management The part is designed for high efficiency to minimize heat dissipation. However, in enclosed environments, it relies on its encapsulated casing to radiate heat without the need for an external heatsink. --- ## 3. Pinout and Integration While you should always consult the specific datasheet for your revision, the standard SIP configuration generally follows this logic: ```text Pin 1: +Vin (Input Voltage) Pin 2: -Vin (GND Input) Pin 3: -Vout (Common/Ground Output) Pin 4: +Vout (15V Output) ``` --- ## 4. Common Applications * **Operational Amplifiers:** Providing the +15V rail required for high-precision Op-Amps. * **Data Acquisition:** Powering sensors that require a higher voltage than the standard 5V MCU logic. * **Industrial Controls:** Powering RS-485 or CAN bus transceivers that require isolated power to prevent system-wide failures. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M5R15XP-R?
    • ⤷ Can this component be used in medical grade applications?
    • ⤷ Are there pin-compatible alternatives from other manufacturers like RECOM or Vicor?