전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R15XPJ-R

  • AI
    The **M5R15XPJ-R** (part of the **M5** family by **MechaTronix**) is an advanced active cooling solution specifically engineered for high-power LED modules (like COB LEDs). It integrates mechanical thermal management with electronic control components. ### 1. Core Electronic Components The "XPJ" variant indicates a specific electronic configuration involving the motor and control interface. | Component | Description | Function | | :--- | :--- | :--- | | **Brushless DC Motor (BLDC)** | The heart of the assembly. | Provides high-efficiency rotation with minimal friction and noise. | | **PWM Controller** | Pulse Width Modulation input. | Allows the system to adjust fan speed based on the temperature of the LED. | | **Tachometer Output** | A "FG" (Frequency Generator) signal. | Provides feedback to the driver/controller to confirm the fan is spinning. | | **Thermal Protection** | Internal circuitry. | Automatically shuts down or throttles the fan if internal temperatures exceed safe limits. | --- ### 2. Technical Specifications Below are the typical electronic operating parameters for the M5R15XPJ-R series: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 12V DC (Standard) | | **Power Consumption** | ~0.6W to 1.5W (depending on load) | | **Noise Level** | < 25 dB(A) @ 1 meter | | **Lifespan (MTBF)** | 70,000+ Hours @ 40°C | | **Connector Type** | Typically 3-wire or 4-wire (VCC, GND, PWM/FG) | --- ### 3. Electronic Interface & Wiring The device typically utilizes a multi-wire interface to communicate with an LED driver or a dedicated thermal management board: 1. **Red Wire (+12V):** Main DC power supply. 2. **Black Wire (GND):** Common ground. 3. **Yellow/White Wire (Tacho/FG):** Outputs a pulse signal. If the pulses stop, the electronic system can trigger an "Emergency LED Shutdown" to prevent the COB from burning out. 4. **Blue Wire (PWM):** Receives a 0-5V or 0-12V signal to modulate speed. --- ### 4. Why the Electronic Design Matters Unlike passive heatsinks, the electronic control in the M5R15XPJ-R allows for: * **Active Reliability:** The system monitors its own health. * **Size Reduction:** Using an electronic fan allows for a heatsink that is 3x to 4x smaller than a passive one for the same wattage. * **Constant Flux:** By maintaining a precise electronic temperature setpoint, the LED color temperature and lumen output remain stable. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum thermal resistance (Rth) of the M5R15XPJ-R?
    • ⤷ Which LED COB brands are compatible with the M5 series mounting holes?
    • ⤷ Does this model support 24V input or is it strictly 12V?