전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R16RPJ-R

  • AI
    ## Technical Overview: M5R16RPJ-R The **M5R16RPJ-R** belongs to the family of **Synchronous Dynamic Random Access Memory (SDRAM)** modules, typically utilized in legacy computing systems, embedded controllers, and industrial hardware. Below is a detailed breakdown of its specifications and electronic characteristics. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | SDRAM (Synchronous DRAM) | | **Density** | 16 Megabits (16Mb) | | **Organization** | Often structured as 1M x 16-bit | | **Voltage Supply** | 3.3V (Standard for SDRAM) | | **Package Type** | TSOP-II (Thin Small Outline Package) | | **Speed Grade** | Often denoted by the suffix (e.g., 7ns, 10ns) | | **Interface** | LVTTL Compatible | --- ### 2. Core Electronic Components & Architecture The internal logic of the M5R16RPJ-R is composed of several critical subsystems: #### A. Memory Cell Array The heart of the chip consists of a grid of capacitors and transistors. Each bit is stored as a charge in a tiny capacitor. Because these capacitors leak charge over time, the chip requires constant **refresh cycles**. #### B. Control Logic & Clock Unlike asynchronous DRAM, this part operates in sync with a system clock (CLK). All signals (Address, Data, Control) are sampled on the positive edge of the clock, allowing for higher data transfer rates. #### C. Row and Column Decoders * **Row Decoder:** Selects the specific "page" of memory. * **Column Decoder:** Selects the specific bit or word within that page to be read or written. #### D. Sense Amplifiers These are sensitive circuits that detect the tiny voltage changes from the memory cells during a "read" operation and amplify them to standard logic levels (High/Low). --- ### 3. Pinout and Signal Functions Common pins you will find on this component type include: * **CLK (Clock):** Driven by the system; synchronizes all operations. * **CKE (Clock Enable):** Activates or deactivates the internal clock circuitry. * **CS (Chip Select):** Enables the chip to receive commands. * **RAS/CAS/WE:** Command pins used to initiate Row Activation, Column Selection, and Write Enable. * **DQ0 - DQ15:** Bi-directional data pins for 16-bit data width. --- ### 4. Implementation Example (Initialization) To use this memory part, a memory controller must initialize it using a specific sequence (Power-up -> Precharge All -> Auto Refresh -> Mode Register Set). ```cpp // Conceptual pseudo-code for SDRAM Command sequence void init_sdram() { send_cmd(CMD_NOP, 200); // Wait 200us send_cmd(CMD_PRECHARGE_ALL); // Precharge all banks send_cmd(CMD_AUTO_REFRESH); // Perform refresh send_cmd(CMD_LOAD_MODE_REG); // Set Latency and Burst Length } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the common failure modes of SDRAM chips like the M5R16RPJ-R?
    • ⤷ How does the refresh rate impact the power consumption of this component?
    • ⤷ What is the modern equivalent or replacement for 16Mb SDRAM in new designs?