전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R16TQJ-R

  • AI
    The **M5R16TQJ-R** appears to be a specialized memory component, typically associated with **Synchronous Dynamic Random Access Memory (SDRAM)** or specialized Flash/EEPROM configurations, often produced by manufacturers like Zentel or ESMT (Elite Semiconductor Microelectronics Technology). Below is a breakdown of the electronic characteristics and technical specifications typical for this part series. --- ## 1. Technical Specifications This component is generally part of the **Mobile SDRAM** or **LPDDR** family, designed for low-power consumption in embedded systems. | Parameter | Typical Value | | :--- | :--- | | **Type** | SDRAM (Synchronous DRAM) | | **Density** | 16 Megabits (16Mb) | | **Configuration** | Likely 512K x 16-bit x 2-banks or similar | | **Voltage (Vcc)** | 1.8V to 3.3V (Model dependent) | | **Package Type** | TQFP or FBGA | | **Temperature Range** | Industrial (-40°C to +85°C) or Commercial | --- ## 2. Pinout and Architecture Most chips in this family follow a standard JEDEC interface to ensure compatibility with various microcontrollers and SoCs. ### Key Functional Blocks: * **Memory Array:** Organized into banks to allow for concurrent operations (interleaving). * **Control Logic:** Decodes commands like `RAS` (Row Address Strobe), `CAS` (Column Address Strobe), and `WE` (Write Enable). * **I/O Gating:** Manages the flow of data bits in and out of the chip. * **Refresh Circuitry:** Essential for DRAM to prevent data loss over time. --- ## 3. Part Number Decoding (Typical) While naming conventions vary by manufacturer, the code `M5R16TQJ-R` can generally be broken down as follows: 1. **M5R:** Product series (often indicating a specific voltage or technology node). 2. **16:** Density (16 Megabits). 3. **TQ:** Package code (likely **T**hin **Q**FP or similar leaded package). 4. **J:** Speed grade or Revision marker. 5. **-R:** Refers to **RoHS Compliance** (Lead-free) or **Tape & Reel** packaging for automated assembly. --- ## 4. Common Applications Due to its relatively low density (16Mb), this part is not used in modern PCs but is vital for: * **Networking Equipment:** Buffers for routers and switches. * **Consumer Electronics:** Digital cameras, printers, and MP3 players. * **Embedded Systems:** Use as working memory for 8-bit or 16-bit microcontrollers that require more RAM than what is available on-chip. ---
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces the M5R16TQJ-R specifically?
    • ⤷ What is the clock speed or frequency rating for this memory module?
    • ⤷ Is there a direct pin-compatible alternative for the M5R series?