전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R16XQ-R

  • AI
    ### Overview of the M5R16XQ-R The **M5R16XQ-R** is an integrated circuit (IC) primarily categorized as a **Magnetoresistive Random Access Memory (MRAM)** device. It is designed for high-performance applications requiring non-volatile storage with high endurance and speed. --- ### Key Technical Specifications The following table outlines the core electronic parameters of the M5R16XQ-R: | Parameter | Specification | | :--- | :--- | | **Memory Type** | STT-MRAM (Spin-Transfer Torque) | | **Capacity** | 16 Megabits (16Mb) | | **Interface** | Quad SPI (Serial Peripheral Interface) | | **Operating Voltage** | 1.7V to 1.9V (Core) / 1.7V to 3.6V (I/O) | | **Clock Frequency** | Up to 108 MHz (Standard) / 200 MHz (High Speed) | | **Data Retention** | > 10 Years @ 85°C | | **Endurance** | Unlimited Read/Write Cycles (approx. $10^{14}$) | | **Package** | 8-contact WSON / 8-pin SOIC | --- ### Core Electronic Characteristics #### 1. Non-Volatility with SRAM Performance Unlike Standard RAM (which loses data when power is removed) or Flash (which is slow to write), the M5R16XQ-R provides the speed of an SRAM with the data persistence of a Flash memory. It does not require a battery or capacitor for data backup. #### 2. Quad SPI Interface The "Q" in the part number typically denotes the **Quad SPI** interface. This allows for four data lines (IO0-IO3) to transmit data simultaneously, significantly increasing throughput compared to standard Serial SPI. #### 3. Low Power Consumption As an MRAM device, it consumes significantly less power during write cycles compared to EEPROM or Flash because it does not require a "charge pump" to generate high voltages for writing. --- ### Pin Configuration (Common 8-Pin Layout) If you are integrating this into a PCB design, the typical pinout is as follows: ```text Pin 1: /CS (Chip Select) Pin 2: SO / SIO1 (Serial Data Out / I/O 1) Pin 3: /WP / SIO2 (Write Protect / I/O 2) Pin 4: VSS (Ground) Pin 5: SI / SIO0 (Serial Data In / I/O 0) Pin 6: SCK (Serial Clock) Pin 7: /HOLD / SIO3 (Hold / I/O 3) Pin 8: VCC (Power Supply) ``` --- ### Typical Applications * **Industrial Automation:** Real-time data logging and parameter storage. * **Automotive:** Storing sensor data and calibration settings that change frequently. * **IoT Devices:** Energy-efficient memory for edge computing where power is limited. * **Enterprise Storage:** Storing critical metadata in SSDs or RAID controllers.
    ✨ Follow-up Questions
    • ⤷ What is the difference between STT-MRAM and standard Flash memory in terms of write speed?
    • ⤷ Can you provide the specific timing diagrams for the Quad SPI read command?
    • ⤷ What are the thermal management requirements for the M5R16XQ-R during high-speed operation?