전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R18ZLJ-R

  • AI
    The **M5R18ZLJ-R** is a specific surface-mount electronic component, typically identified as a **Zener Diode** or a **TVS (Transient Voltage Suppressor)** diode, often manufactured by companies like Rohm Semiconductor (specifically within the RSX or automotive-grade series). Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications The part number suffix and prefix denote its electrical limits and packaging. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Zener / TVS Diode | Used for voltage regulation or protection. | | **Zener Voltage ($V_z$)** | 18V | The nominal breakdown voltage. | | **Power Dissipation** | 500mW - 1W | Depends on the specific package thermal pad. | | **Package Type** | SOD-123FL / PMDU | Small Outline Diode, low profile. | | **Tolerance** | ±5% (typically) | Precision of the breakdown voltage. | | **Mounting Type** | SMD/SMT | Surface Mount Technology. | --- ### 2. Electronic Functions The M5R18ZLJ-R serves two primary roles in a circuit: #### A. Voltage Regulation When placed in reverse bias, the diode maintains a steady **18V** across its terminals despite fluctuations in the supply voltage or load current. This is critical for protecting sensitive downstream ICs that cannot handle more than 18V. #### B. Transient Protection It acts as a "clamp." If a voltage spike (ESD or inductive surge) exceeds 18V, the diode becomes conductive and shunts the excess energy to the ground, preventing the spike from reaching other components. --- ### 3. Typical Application Circuit In most designs, this part is used with a current-limiting resistor. ```cpp [Input Voltage (Vin)] ---- [Resistor (R)] ----+---- [Output (18V Regulated)] | [M5R18ZLJ-R] (Reverse Biased) | [Ground] -------------------------------------+---- [Ground] ``` --- ### 4. Part Number Decoder (Example) * **M5**: Often denotes the series or manufacturer specific silicon code. * **18**: Represents the **18V** breakdown threshold. * **Z**: Indicates it is a **Zener** diode. * **LJ**: Package or manufacturing process code. * **-R**: Indicates **Tape & Reel** packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current this diode can handle?
    • ⤷ Can this part be used in automotive applications?
    • ⤷ What are the recommended footprint dimensions for soldering?