전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R23RPJ-R

  • AI
    The **M5R23RPJ-R** is a specific part number typically associated with **M.2 Solid State Drive (SSD)** components, specifically used by manufacturers like Samsung (often found in OEM builds for Dell, HP, or Lenovo). Below is a breakdown of the electronic components and technical specifications associated with this hardware. --- ### 1. Component Overview This part is a **PCIe NVMe M.2 2230 SSD**. It is designed for compact devices where space is at a premium, such as tablets, ultra-thin laptops, or handheld gaming consoles (like the Steam Deck or ASUS ROG Ally). | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2230 (30mm length) | | **Interface** | PCIe Gen 4.0 x4 | | **Protocol** | NVMe 1.4 | | **Storage Type** | NAND Flash (TLC) | | **Capacity** | Typically 256GB / 512GB (Varies by sub-model) | --- ### 2. Key Electronic Architecture The "Electronic Parts" of this SSD consist of three primary functional blocks integrated onto a single-sided PCB: #### A. The Controller The brain of the unit. It manages data flow between the PCIe interface and the NAND flash. * **Function:** Handles wear leveling, error correction (ECC), and thermal throttling. * **Technology:** Usually based on a DRAM-less architecture to save space and power, utilizing **HMB (Host Memory Buffer)** to use the system's RAM for map tables. #### B. NAND Flash Memory The non-volatile storage where data is physically kept. * **Type:** 3D V-NAND (Vertical NAND). * **Structure:** Multiple layers of memory cells stacked vertically to increase density without increasing the physical footprint of the chip. #### C. Power Management Circuitry (PMIC) Small surface-mount devices (SMDs) located near the M.2 connector. * **Function:** Regulates the 3.3V power supplied by the motherboard into the specific voltages required by the controller and NAND flash. --- ### 3. Physical Layout (PCB Components) If you were to inspect the physical board, you would find: 1. **M-Key Connector:** The gold-plated pins that interface with the PCIe lanes. 2. **Decoupling Capacitors:** Small ceramic components (MLCCs) that filter electrical noise. 3. **Resistors:** Used for signal integrity and impedance matching on high-speed data lines. 4. **Temperature Sensor:** An internal thermistor that reports heat levels to the system to prevent overheating. --- ### 4. Performance Expectations Because this part uses the PCIe 4.0 bus, it offers significantly higher speeds than older SATA or PCIe 3.0 drives. * **Sequential Read:** Up to ~5,000 MB/s * **Sequential Write:** Up to ~3,500 MB/s * **Power Consumption:** Optimized for low "Idle" states to preserve battery life in mobile devices.
    ✨ Follow-up Questions
    • ⤷ What is the difference between M.2 2230 and 2280 form factors?
    • ⤷ Can I upgrade a Steam Deck or ROG Ally with this specific part?
    • ⤷ How does a DRAM-less SSD differ from one with dedicated DRAM?