전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R23XPJ-R

  • AI
    The **M5R23XPJ-R** is a specific electronic component typically identified as a high-frequency, high-stability **Crystal Oscillator** or **TCXO** (Temperature Compensated Crystal Oscillator). These parts are crucial for providing precise timing signals in telecommunications and high-speed data networking equipment. --- ### 1. Key Technical Specifications While exact parameters can vary slightly by manufacturer (often associated with brands like **NDK** or **Murata**), components in this series generally follow these specifications: | Feature | Specification | | :--- | :--- | | **Component Type** | Crystal Oscillator (SMD) | | **Package Size** | Typically 7.0 x 5.0 mm or 5.0 x 3.2 mm | | **Standard Frequency** | Varies (often 10MHz, 25MHz, or 100MHz depending on sub-code) | | **Supply Voltage** | 3.3V (standard) | | **Output Type** | CMOS / LVPECL / LVDS | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ### 2. Functional Components The "M5R" series architecture usually consists of the following internal sections: * **AT-Cut Quartz Crystal:** The core vibrating element that determines the base frequency. * **Oscillator IC:** An integrated circuit that drives the crystal and maintains the oscillation. * **Compensation Circuitry:** Specifically for "XP" (TCXO) variants, this adjusts for frequency drift caused by temperature changes. * **Output Buffer:** Ensures the signal is strong enough to drive the load without distorting the waveform. --- ### 3. Application Areas These parts are designed for precision-dependent hardware: 1. **Networking:** Routers, switches, and base stations where synchronization is vital for data integrity. 2. **GPS/GNSS:** Providing a stable reference clock for satellite signal acquisition. 3. **Industrial Computing:** Embedded systems that operate in environments with fluctuating temperatures. 4. **Audio/Video:** Reducing "jitter" in digital-to-analog conversion processes. --- ### 4. Part Number Breakdown (General Pattern) Electronic parts like the M5R23XPJ-R often follow a standardized naming convention: * **M5R:** Series identifier (Oscillator type). * **23:** Voltage code (e.g., 3.3V). * **XP:** Stability/Tolerance rating (e.g., ±50ppm or ±25ppm). * **J:** Temperature range code (Industrial). * **R:** Packaging code (Tape and Reel). ---
    ✨ Follow-up Questions
    • ⤷What is the exact frequency of the M5R23XPJ-R model?
    • ⤷ How does a TCXO differ from a standard crystal oscillator?
    • ⤷ What are the common footprints for SMD oscillators in this series?