전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R24RPJ-R

  • AI
    The **M5R24RPJ-R** is a specific electronic component, typically categorized as a high-performance **Magnetic Random Access Memory (MRAM)** module, often utilized in industrial or specialized computing environments. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications The following table highlights the core technical parameters of the M5R24RPJ-R: | Parameter | Specification | | :--- | :--- | | **Technology** | Spin-Transfer Torque MRAM (STT-MRAM) | | **Interface** | DDR4 / Specialized Parallel Interface | | **Voltage (Vcc)** | 1.8V / 1.2V (Typical) | | **Memory Density** | High Density (varies by sub-series, often 1Gb+) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Package Type** | FBGA (Fine-Pitch Ball Grid Array) | --- ### 2. Key Features * **Non-Volatility:** Unlike standard DRAM, this component retains data even when power is removed, eliminating the need for a backup battery or supercapacitor. * **High Endurance:** It offers significantly higher write-cycle endurance compared to Flash memory (NAND/NOR), making it suitable for frequent logging. * **Low Latency:** Provides speeds comparable to DRAM, allowing for execute-in-place (XIP) capabilities. * **Radiation Tolerance:** MRAM technology is inherently more resistant to soft errors (SEU) caused by radiation compared to traditional SRAM or DRAM. --- ### 3. Pinout and Internal Logic The M5R24RPJ-R utilizes a complex internal controller to manage the magnetic states of the cells. The electronic signal flow generally follows this logic: ```c // Simplified Logic representation of an MRAM Read/Write Cycle if (Chip_Select == LOW) { if (Write_Enable == LOW) { // Apply spin-polarized current to change magnetic orientation Set_Magnetic_State(Address, Data_In); } else { // Sense resistance difference (TMR effect) to determine bit Data_Out = Sense_Resistance(Address); } } ``` --- ### 4. Typical Applications Due to its robust nature, the M5R24RPJ-R is found in: 1. **Enterprise Storage:** Used as a write buffer or journal memory to prevent data loss during power failure. 2. **Industrial Automation:** Storing critical parameters and state variables in PLC systems. 3. **Aerospace:** High-reliability computing where radiation hardness is required. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum write cycle endurance for STT-MRAM components like this?
    • ⤷ How does MRAM power consumption compare to traditional SRAM?
    • ⤷ What are the specific soldering requirements for FBGA packages in industrial settings?