전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R24TPJ-R

  • AI
    The **M5R24TPJ-R** is a high-performance **Step-Down (Buck) DC-DC Converter** module, typically utilized in industrial and telecommunications equipment. It belongs to a class of non-isolated point-of-load (POL) converters known for their high efficiency and compact footprint. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 14V DC | | **Output Voltage Range** | 0.7V to 5.0V (Adjustable) | | **Max Output Current** | 24 Amperes | | **Efficiency** | Up to 94% (depending on load/voltage) | | **Switching Frequency** | 300 kHz to 1 MHz (Synchronous) | | **Mounting Type** | Surface Mount (SMD) / LGA | --- ### 2. Core Functional Parts & Components Within the M5R24TPJ-R architecture, several critical electronic sub-sections work together: #### A. Power Stage (MOSFETs) The module integrates high-side and low-side **N-Channel MOSFETs**. These act as the electronic switches. Because it is a "Synchronous" buck converter, the low-side MOSFET replaces the traditional Schottky diode to minimize conduction losses, significantly increasing efficiency. #### B. Integrated Inductor Unlike discrete designs where you must select an external coil, this part features an **integrated power inductor**. This is optimized for low DC resistance (DCR) and high saturation current to handle the 24A load while minimizing Electromagnetic Interference (EMI). #### C. Control Circuitry (PWM Controller) The internal controller uses **Pulse Width Modulation (PWM)** to regulate the output. It monitors the feedback pin and adjusts the duty cycle of the MOSFETs to maintain a steady output voltage regardless of input fluctuations or load changes. #### D. Protection Features * **Over-Current Protection (OCP):** Senses the drain-source voltage of the MOSFET to prevent damage during a short circuit. * **Over-Temperature Protection (OTP):** Automatically shuts down or throttles the device if internal temperatures exceed safe limits (usually around 150°C). * **Under-Voltage Lockout (UVLO):** Ensures the device does not attempt to operate until the input voltage is high enough to drive the internal logic reliably. --- ### 3. Pin Configuration Overview | Pin Name | Function | | :--- | :--- | | **VIN** | Input supply voltage. | | **VOUT** | Regulated output voltage. | | **GND** | Common ground for power and signals. | | **TRIM** | Connection for an external resistor to set the specific output voltage. | | **ENABLE** | Logic input to turn the module on or off. | | **PGOOD** | Power Good signal (Open-drain output indicating voltage is within range). | --- ### 4. Application Usage The M5R24TPJ-R is primarily found in: * **FPGA & DSP Powering:** Providing the high current and low voltage required by modern processors. * **Server/Data Centers:** Distributed power architectures. * **Network Switches:** High-speed data communication hardware.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the resistor value for the TRIM pin to set a specific voltage?
    • ⤷ What are the thermal management requirements for this module at full 24A load?
    • ⤷ Can this module be used in parallel with another for higher current output?