M5R24ZH-R
AI

The **M5R24ZH-R** is a specific electronic component typically categorized as a **Surface Mount (SMD) Power Inductor**, often associated with brands like Toko (now part of Murata) or similar specialized magnetic component manufacturers. These are commonly used in DC-DC converter circuits for power management.
---
### 1. Technical Specifications
While specific datasheets can vary slightly by manufacturer, the M5R series generally follows these parameters:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Fixed Power Inductor |
| **Inductance** | Usually indicated by the part code (e.g., 2.4µH or similar) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Core Material** | Ferrite |
| **Shielding** | Magnetically Shielded (reduces EMI) |
| **Tolerance** | Typically ±20% (M) |
### 2. Physical Characteristics
The "M5R" prefix often refers to the physical footprint and case size.
* **Form Factor:** Square or rectangular low-profile design.
* **Shielding:** The "Z" in some nomenclature indicates a shielded construction, which prevents magnetic flux from interfering with neighboring components on a dense PCB.
* **Packaging:** The "-R" suffix usually denotes "Tape and Reel" packaging, intended for automated pick-and-place assembly lines.
### 3. Typical Applications
These parts are designed for high-efficiency power regulation in compact electronics:
* **DC-DC Converters:** Stepping voltage up or down in mobile devices.
* **Voltage Regulator Modules (VRM):** Used in laptops and motherboards.
* **Battery Powered Devices:** Due to their small size and low DC resistance (DCR), which helps preserve battery life.
---
### 4. Circuit Implementation Example
In a standard Buck Converter circuit, the M5R24ZH-R would be placed between the switching node and the output capacitor.
```cpp
// Logic representation of power flow
[Input Voltage] -> [MOSFET Switch] -> [M5R24ZH-R Inductor] -> [V_Out]
|
[Output Capacitor]
|
[GND]
```
### 5. Identification Guide
When reading the part number:
1. **M5R:** Series identifier (Physical size/series).
2. **24:** Often represents the inductance value (2.4 microhenries).
3. **ZH:** Internal design code/Material specification.
4. **-R:** Packaging type (Reel).
---
- ⤷What are the equivalent alternatives for the M5R24ZH-R inductor?
- ⤷ How do I calculate the saturation current for this specific part?
- ⤷ What is the maximum operating temperature for M5R series inductors?