전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R24ZQ-R

  • AI
    The **M5R24ZQ-R** is a specific surface-mount electronic component, typically categorized as a **Power Inductor** (specifically a Metal Composite / Shielded type). These components are widely used in DC-DC converters to manage power efficiency and voltage regulation. --- ### 1. Key Technical Specifications Below is a breakdown of the typical physical and electrical characteristics for this part series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Inductor | | **Inductance** | 0.24 µH (indicated by "24Z") | | **Core Material** | Metal Composite (Iron Powder) | | **Shielding** | Magnetic Shielding (Low EMI) | | **Package / Case** | SMD (Surface Mount Device) | | **Tolerance** | ±20% | | **Termination** | Lead-free (RoHS Compliant) | --- ### 2. Functional Characteristics * **Metal Composite Technology:** The "M" in the prefix often denotes a metal-molded structure. This provides better saturation characteristics (it doesn't drop inductance sharply when current increases) compared to traditional ferrite cores. * **High Current Handling:** Due to the metal powder core, these inductors can handle high peak currents without entering a "hard saturation" state. * **Low EMI:** The molded construction acts as a natural magnetic shield, reducing electromagnetic interference with surrounding components on the PCB. * **Acoustic Noise Reduction:** The solid molded structure minimizes the "buzzing" or humming sound often caused by magnetostriction in high-frequency switching applications. --- ### 3. Common Applications The M5R24ZQ-R is designed for high-density power electronics where space is limited but performance is critical: 1. **Voltage Regulator Modules (VRM):** Used in CPUs and GPUs for stable power delivery. 2. **Smartphones and Tablets:** High-efficiency power management for mobile processors. 3. **DC/DC Converters:** Point-of-load (POL) converters for industrial or consumer electronics. 4. **SSD Power Rails:** Providing clean power to NAND flash and controllers. --- ### 4. Part Number Breakdown (Generic) | Code Segment | Meaning | | :--- | :--- | | **M5** | Series/Size Code (e.g., 5mm class footprint) | | **R24** | Inductance Value (0.24 microhenries) | | **Z** | Tolerance (typically ±20%) | | **Q-R** | Packaging/Tape & Reel specification |
    ✨ Follow-up Questions
    • ⤷ What are the saturation current (Isat) and heating current (Irms) ratings for this specific inductor?
    • ⤷ How does a metal composite inductor compare to a ferrite core inductor in terms of temperature stability?
    • ⤷ What is the physical footprint (dimensions) of the M5R24ZQ-R?