전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R25RP-R

  • AI
    The **M5R25RP-R** is a specific electronic component, most commonly identified as a **tactile switch** (often manufactured by companies like Mitsumi or similar specialized switch producers). These are low-profile, surface-mount (SMD) components used in consumer electronics. --- ### 1. General Specifications Based on the standard nomenclature for this part series, here are the technical characteristics: | Property | Description | | :--- | :--- | | **Component Type** | Tactile Switch (Push Button) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Circuit** | SPST-NO (Single Pole Single Throw - Normally Open) | | **Actuation Force** | Typically 1.6N to 2.5N (Newtons) | | **Contact Rating** | 50mA @ 12V DC (Standard signal level) | | **Travel Distance** | 0.25mm ± 0.1mm | --- ### 2. Internal Construction The "R" in the suffix usually denotes "Reel" packaging, while the "RP" often refers to the specific plunger height or material. 1. **Contact Dome:** A stainless steel or copper alloy dome that snaps down when pressed, providing the "click" feel and completing the circuit. 2. **Base:** A high-temperature thermoplastic (LCP) base that can withstand reflow soldering temperatures. 3. **Terminals:** Silver-plated leads for high conductivity and oxidation resistance. 4. **Cover:** A metal plate crimped over the assembly to secure the internal dome and plunger. --- ### 3. Pin Configuration Since this is a standard SMD tactile switch, it typically follows a 4-pin layout where the pins are internally connected in pairs. | Pin Pair | Function | | :--- | :--- | | **1 & 2** | Internally connected | | **3 & 4** | Internally connected | | **1/2 to 3/4** | The circuit closes only when the button is depressed. | --- ### 4. Common Applications Due to its small footprint and reliability, the M5R25RP-R is found in: * **Automotive:** Key fobs and steering wheel controls. * **Portable Electronics:** Power buttons on tablets or volume rockers on smartphones. * **Home Appliances:** Control panels for microwaves or washing machines. * **Industrial:** Reset switches on PCB motherboards. --- ### 5. Failure Modes If you are troubleshooting this part, common failures include: * **Oxidation:** Increased contact resistance leading to intermittent signal. * **Mechanical Fatigue:** The metal dome loses its "snap" and stays stuck or feels mushy. * **Solder Joint Stress:** Because it is an SMD part, physical force can sometimes crack the solder pads on the PCB.
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint dimensions for the M5R25RP-R for PCB design?
    • ⤷ Can this switch be replaced by a standard 6x6mm tactile switch?
    • ⤷ What is the recommended reflow soldering profile for this component?