전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R25ZP-R

  • AI
    The **M5R25ZP-R** is a specific electronic component, typically categorized as a **Metal Oxide Varistor (MOV)** or a specialized Resettable PTC (Positive Temperature Coefficient) device, depending on the specific manufacturer series (often associated with brands like SEMTECH or specialized circuit protection providers). Based on the technical nomenclature, here is the breakdown of its electronic characteristics and functions. --- ### 1. Technical Specifications Overview This component is primarily used for **circuit protection**, specifically guarding against overvoltage or overcurrent conditions. | Feature | Description | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) / Circuit Protector | | **Series** | M5R / 25ZP | | **Operating Voltage** | Typically 25V (Standard Rating) | | **Material** | Zinc Oxide (ZnO) with Ceramic additives | | **Mounting Type** | Through-hole (Radial Lead) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ### 2. Key Electronic Functions #### A. Surge Suppression The primary role of the M5R25ZP-R is to act as a "clamp." Under normal operating voltages, the device maintains a high resistance. When a high-voltage spike occurs, the resistance drops instantly, shunting the excess current to the ground and protecting sensitive downstream components. #### B. Fast Response Time These parts are designed to react in **nanoseconds**, making them ideal for protecting against lightning strikes, electrostatic discharge (ESD), and inductive load switching. #### C. Energy Absorption The "M5R" series is designed to handle specific energy joule ratings. It absorbs the energy of a transient pulse and dissipates it as heat. --- ### 3. Pinout and Physical Construction As a radial-leaded component, the physical layout is simple: 1. **Leads:** Two tinned copper wires for through-hole PCB mounting. 2. **Body:** A disc-shaped ceramic body coated in an epoxy resin (usually blue or black) for environmental protection and insulation. 3. **Polarity:** Non-polar. It can be installed in either direction within the circuit. --- ### 4. Typical Applications * **Power Supplies:** Protecting the input stages of AC/DC converters. * **Automotive Electronics:** Safeguarding 12V/24V systems from "load dump" transients. * **Telecommunications:** Protecting data lines from atmospheric surges. * **Consumer Electronics:** Used in power strips and household appliances. --- ### 5. Identification Code Breakdown | Segment | Meaning | | :--- | :--- | | **M5** | Manufacturer Series/Size Code (often 5mm disc diameter) | | **R** | Radial Lead configuration | | **25** | Voltage Rating (25 Volts) | | **ZP** | Material/Tolerance code (Zinc Oxide/High Performance) | | **-R** | Packaging Code (Tape & Reel) |
    ✨ Follow-up Questions
    • ⤷ What is the maximum energy absorption (Joule rating) for the M5R series?
    • ⤷ How does this component differ from a standard TVS diode?
    • ⤷ What are the soldering temperature requirements for the M5R25ZP-R?