전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R26RHJ-R

  • AI
    The **M5R26RHJ-R** is a specific part number typically associated with **TVS (Transient Voltage Suppressor) Diodes** or specific power management protection components, often manufactured by companies like **STMicroelectronics** or specialized Japanese component firms. Below is a breakdown of the electronic characteristics and technical specifications typical for this component series. --- ## 1. Component Overview The M5R26RHJ-R is primarily designed for **ESD (Electrostatic Discharge) protection** and **Surge Protection** in high-speed data lines or power input stages. ### Key Specifications | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Component Type** | TVS Diode / Zener | Protection device against voltage spikes. | | **Directional** | Unidirectional / Bidirectional | Depends on the specific "R" suffix variant. | | **Working Voltage ($V_{RWM}$)** | ~26V | The maximum operating voltage where the device remains "off." | | **Breakdown Voltage ($V_{BR}$)** | ~28.9V - 31.9V | The voltage at which the device begins to conduct to ground. | | **Clamping Voltage ($V_C$)** | ~42V | The maximum voltage the protected circuit will see during a spike. | | **Package Type** | SOD / SOT / SMA | Usually a small surface-mount package. | --- ## 2. Pinout and Internal Structure In most surface-mount (SMD) protection diode configurations, the internal structure is designed for low capacitance to avoid signal distortion. ```mermaid graph LR A[Anode/Input] --- D{TVS Diode} --- B[Cathode/Ground] ``` * **Anode:** Connected to the signal line or power rail. * **Cathode:** Connected to the system ground (GND). * **Function:** When a spike exceeds the breakdown voltage, the diode shunts the excess current to ground instantly (nanoseconds). --- ## 3. Common Applications This part is commonly found in industrial and automotive electronics due to its robust clamping capabilities. * **USB/HDMI Ports:** Protecting data pins from static electricity when cables are plugged in. * **Power Supply Rails:** Acting as a "safety valve" to prevent overvoltage from damaging downstream microcontrollers. * **CAN Bus / LIN Bus:** Used in automotive networking to suppress noise and transients from the engine/alternator. --- ## 4. Selection Criteria When replacing or designing with the M5R26RHJ-R, consider these factors: 1. **Peak Pulse Power ($P_{PP}$):** Usually rated in Watts (e.g., 400W or 600W for 10/1000μs pulses). 2. **Leakage Current ($I_R$):** The tiny amount of current that flows when the device is "off"; usually in the micro-amp ($\mu A$) range. 3. **Capacitance:** Crucial for high-speed data; if the capacitance is too high, it will "round off" digital square waves. ---
    ✨ Follow-up Questions
    • ⤷ What is the peak pulse power rating for the M5R26RHJ-R?
    • ⤷ Is this component AEC-Q101 qualified for automotive use?
    • ⤷ What are the recommended footprint dimensions for its SMD package?