전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R26TL-R

  • AI
    The **M5R26TL-R** belongs to a specific category of electronic components, typically identified as a high-performance **Schottky Barrier Diode (SBD)**. These components are essential in modern power management circuits due to their low forward voltage drop and high-speed switching capabilities. --- ### 1. Key Technical Specifications The following table outlines the typical electrical characteristics for a diode in this series: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 60 | V | | **Average Rectified Forward Current** | $I_O$ | 2.0 | A | | **Forward Voltage Drop** (at $I_F = 2A$) | $V_F$ | 0.55 - 0.65 | V | | **Peak Forward Surge Current** | $I_{FSM}$ | 50 | A | | **Operating Junction Temperature** | $T_j$ | -55 to +150 | °C | --- ### 2. Physical Packaging and Form Factor The "TL" in the suffix often refers to the **Tape and Reel** packaging method, while the physical case is usually a surface-mount package. * **Package Type:** PMDU or SOD-123FL (Low profile, small footprint). * **Mounting:** Surface Mount Device (SMD). * **Material:** Molded plastic with UL Flammability Classification 94V-0. --- ### 3. Core Functional Features * **Low Power Loss:** Because the forward voltage drop ($V_F$) is significantly lower than standard silicon diodes (0.6V vs 1.1V), it generates less heat and improves efficiency. * **High Speed:** Being a Schottky diode, it has negligible reverse recovery time ($t_{rr}$), making it ideal for high-frequency switching. * **Guard Ring Construction:** Provides transient protection and enhances reliability against voltage spikes. --- ### 4. Common Applications The M5R26TL-R is commonly integrated into the following systems: 1. **DC-DC Converters:** Used as a freewheeling diode to maintain current flow during switch-off periods. 2. **Reverse Polarity Protection:** Protecting sensitive microcontrollers or circuits if a battery is connected backward. 3. **AC-DC Adapters:** Secondary side rectification in small power supplies. 4. **Mobile Electronics:** Battery management systems in smartphones or tablets where space and efficiency are critical. --- ### 5. Schematic Representation In a circuit diagram, the part is represented by the standard Schottky symbol: ```text Anode Cathode | |\ | | +------| >|------+ |/ | (Schottky Symbol) ```
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative part numbers for the M5R26TL-R?
    • ⤷ How does the thermal resistance of the PMDU package affect heat dissipation?
    • ⤷ What is the maximum frequency range this diode can handle in a switching power supply?