전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R26XPJ-R

  • AI
    The **M5R26XPJ-R** belongs to the high-performance memory family, specifically classified as a **Fast Asynchronous Static RAM (SRAM)**. These components are primarily used in high-speed networking, telecommunications, and industrial automation where low latency and reliable data retention are critical. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics typically associated with this part series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Fast Static RAM (SRAM) | | **Density/Capacity** | Typically 1Mb to 4Mb (varies by sub-suffix) | | **Interface** | Asynchronous | | **Access Time** | 10ns to 15ns (High Speed) | | **Voltage Supply** | 3.3V or 5.0V (Variant dependent) | | **Package Type** | SOP / TSOP (Small Outline Package) | | **Operating Temp** | Industrial Grade (-40°C to +85°C) | --- ### 2. Core Functional Blocks The internal architecture of the M5R26XPJ-R is composed of several key electronic sections: * **Memory Cell Matrix:** Utilizes a 6-transistor (6T) or 4-transistor (4T) cell design to maintain data without the need for refreshing (unlike DRAM). * **Address Decoders:** High-speed CMOS logic that selects specific rows and columns based on the input address pins. * **Control Logic:** Manages the Chip Enable ($\overline{CE}$), Write Enable ($\overline{WE}$), and Output Enable ($\overline{OE}$) signals to coordinate data flow. * **I/O Buffers:** Tri-state buffers that allow the device to interface with a common data bus, preventing bus contention when the chip is inactive. --- ### 3. Key Electronic Features * **Low Power Standby:** When the Chip Enable signal is high, the device enters a standby mode, significantly reducing current consumption. * **TTL Compatibility:** The inputs and outputs are typically compatible with standard TTL (Transistor-Transistor Logic) levels, making them easy to interface with microcontrollers and FPGAs. * **No Clock Required:** As an asynchronous device, it does not require a system clock to operate; transitions are triggered by changes in the address or control lines. --- ### 4. Common Applications Due to its speed and reliability, this part is commonly found in: 1. **Cache Memory:** Used as external L2 or L3 cache for specialized processors. 2. **Buffers:** High-speed data buffering in network switches and routers. 3. **Embedded Systems:** Real-time data processing in automotive or medical imaging equipment.
    ✨ Follow-up Questions
    • ⤷What is the exact pinout configuration for the M5R26XPJ-R?
    • ⤷ How does this SRAM compare to synchronous SRAM in terms of latency?
    • ⤷ What are the recommended decoupling capacitor values for this chip?