전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R28ZL-R

  • AI
    ### M5R28ZL-R: Technical Overview The **M5R28ZL-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are widely used in power management circuits for filtering, energy storage, and voltage regulation. --- ### 1. Technical Specifications Below are the typical parameters associated with this class of power inductor: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Inductance** | 2.8 µH (Microhenries) | | **Current Rating (Isat)** | High Current (Variable by manufacturer, usually 3A - 6A) | | **DC Resistance (DCR)** | Low (typically < 30 mΩ) | | **Operating Temperature** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ### 2. Physical Construction The M5R28ZL-R is designed for high-efficiency power applications. Its construction usually involves: * **Core Material:** Ferrite or Composite Iron Powder. Ferrite cores minimize core losses at high frequencies. * **Shielding:** It is a **shielded** inductor, meaning it is encased in a magnetic material to reduce Electromagnetic Interference (EMI). This prevents the inductor's magnetic field from affecting nearby components. * **Termination:** Lead-free (RoHS compliant) solder pads for SMT assembly. --- ### 3. Key Applications This part is commonly found in the following electronic circuits: * **DC-DC Converters:** Used in Buck, Boost, and SEPIC converters to smooth out output current. * **Voltage Regulator Modules (VRMs):** Frequently found in laptops, servers, and graphics cards. * **Smartphones/Tablets:** High-density power circuits where space is limited. * **LED Drivers:** Used to maintain constant current through high-brightness LEDs. --- ### 4. Decoding the Part Number While naming conventions vary slightly between manufacturers (such as Cyntec, Chilisin, or Vishay), the breakdown is generally: 1. **M5:** Refers to the physical dimensions (e.g., 5mm x 5mm footprint). 2. **R28:** Indicates the Inductance value ($0.28\mu H$ or $2.8\mu H$ depending on the specific series scaling). 3. **ZL:** Series designation (indicating specific core material or height profile). 4. **-R:** Indicates **Tape & Reel** packaging for automated pick-and-place assembly. --- ### 5. Selection Considerations When replacing or designing with this part, consider: * **Saturation Current ($I_{sat}$):** The current at which the inductance drops by a specific percentage (usually 30%). Do not exceed this in your design. * **Self-Resonant Frequency (SRF):** Ensure the switching frequency of your power supply is well below the SRF of the inductor. * **Footprint:** Ensure the PCB pads match the 5mm class dimensions.
    ✨ Follow-up Questions
    • ⤷ What is the exact saturation current for the M5R28ZL-R?
    • ⤷ Can this inductor be used in high-frequency automotive applications?
    • ⤷ What are the common alternatives or equivalents for this specific part number?