전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R28ZLJ-R

  • AI
    The **M5R28ZLJ-R** belongs to a specific category of passive electronic components, specifically **Crystals** (Frequency Control products). These parts are critical for providing stable clock signals in digital circuits. --- ## 1. Component Overview The M5R28ZLJ-R is a miniature **Surface Mount Device (SMD) Quartz Crystal**. It is commonly utilized in high-density PCB designs where space is limited but timing precision is required. ### Key Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | MHz Quartz Crystal | | **Package Type** | SMD (Surface Mount Device) | | **Frequency** | Determined by the specific "R" series tuning (typically in the MHz range) | | **Load Capacitance** | Specific to circuit requirements (e.g., 8pF, 12.5pF) | | **Tolerance** | ±10ppm to ±50ppm (standard variations) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ## 2. Internal Structure and Operation The device operates on the **Piezoelectric Effect**. When an electrical signal is applied to the quartz wafer inside the ceramic housing, it vibrates at a specific resonant frequency. ### Functional Elements: 1. **Quartz Blank:** The heart of the component, cut at a specific angle (usually AT-cut) to define its frequency and temperature stability. 2. **Electrodes:** Metallic layers (usually silver or gold) deposited on the quartz to provide electrical contact. 3. **Ceramic Base:** Provides mechanical protection and vacuum sealing to prevent environmental interference. --- ## 3. Typical Application Circuit Crystals like the M5R28ZLJ-R require two external "loading capacitors" to form a Pierce Oscillator circuit with an integrated IC. ```cpp // Schematic representation of a typical Pierce Oscillator // [IC_OSC_IN] ----+---- [Crystal] ----+---- [IC_OSC_OUT] // | | // [C1] [C2] // | | // [GND] [GND] ``` --- ## 4. Key Considerations for Design * **Frequency Pulling:** If the load capacitance ($C_L$) on your board does not match the crystal's rated $C_L$, the frequency will shift slightly. * **ESR (Equivalent Series Resistance):** Lower ESR values allow for faster startup times and lower power consumption in the oscillator circuit. * **Environmental Sealing:** The "R" suffix often denotes RoHS compliance or specific tape-and-reel packaging for automated pick-and-place machines.
    ✨ Follow-up Questions
    • ⤷ What are the exact dimensions of the M5R28ZLJ-R package?
    • ⤷ How do I calculate the correct load capacitors for this crystal?
    • ⤷ Is this part compatible with automotive grade temperature requirements?