전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R63RQ-R

  • AI
    The **M5R63RQ-R** is an electronic component, specifically a **High-Current Power Inductor** (often referred to as a molded power choke). These components are critical in power management circuits for voltage regulation. --- ## 1. Technical Specifications Based on the standard nomenclature for this series, here are the typical technical parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 5.6 µH (indicated by "5R6") | | **Tolerance** | ±20% (indicated by "M") | | **Construction** | Metal Alloy / Magnetic Powder Molded | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Part Number Breakdown Understanding the code helps identify the physical and electrical characteristics: 1. **M**: Tolerance code (usually ±20%). 2. **5R6**: The Inductance value. The "R" acts as a decimal point. 5R6 = **5.6 microhenries (µH)**. 3. **3RQ-R**: This suffix typically denotes the physical package size, the specific material composite (e.g., carbonyl iron or alloy), and the "R" often signifies **RoHS Compliance** or Tape & Reel packaging. --- ## 3. Key Electronic Characteristics ### Shielded Construction This part is a **shielded inductor**. Because the coil is molded inside a metallic powder composite, it has very low magnetic leakage (EMI). This is crucial for dense circuit boards where components are placed close together. ### Soft Saturation Unlike traditional ferrite core inductors that lose inductance sharply when current increases, the M5R63RQ-R uses a metal alloy core. This allows for "soft saturation," meaning the inductance drops gradually as current rises, making the circuit more stable under heavy loads. ### Low DCR (Direct Current Resistance) These parts are designed with flat or thick copper wire to minimize resistance. Lower DCR means less energy is wasted as heat, leading to higher efficiency in power supplies. --- ## 4. Typical Applications The M5R63RQ-R is commonly found in: * **DC-DC Converters:** Used for "buck" (step-down) or "boost" (step-up) voltage regulation. * **Computing:** Powering CPUs and GPUs in laptops or servers. * **Automotive/Industrial:** High-reliability power modules that require resistance to vibration and thermal shock. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M5R63RQ-R?
    • ⤷ How does a molded inductor differ from a wire-wound ferrite inductor?
    • ⤷ Which manufacturers produce this specific part number series?