전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R63TQ-R

  • AI
    Based on the part number provided, the **M5R63TQ-R** refers to a high-performance **Power Inductor**, commonly used in automotive and industrial power management circuits. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The M5R63TQ-R is an **SMD (Surface Mount Device)** metal composite inductor. It is designed for high-current applications where stability across temperature fluctuations and high efficiency are critical. ### 2. Technical Specifications | Parameter | Typical Value / Range | | :--- | :--- | | **Inductance** | 0.63 µH (Microhenries) | | **Tolerance** | ±20% | | **Current Rating (Isat)** | ~20A - 30A (Depending on saturation drop) | | **DC Resistance (DCR)** | Very Low (mΩ range) | | **Operating Temperature** | -40°C to +125°C or +150°C | | **Core Material** | Metal Alloy / Composite | | **Shielding** | Magnetically Shielded | --- ### 3. Key Electronic Features * **Metal Composite Construction:** Unlike traditional ferrite inductors, these use a metal powder core. This allows for a **Soft Saturation** characteristic, meaning the inductance doesn't drop off abruptly when current increases. * **Low DCR:** The use of thick copper wire reduces internal resistance, minimizing heat generation and energy loss (I²R losses). * **High Frequency Performance:** Optimized for DC-DC converters switching at high frequencies (up to several MHz). * **Magnetic Shielding:** The molded construction minimizes electromagnetic interference (EMI), which is crucial for sensitive neighboring components. --- ### 4. Typical Applications The "TQ" and "R" suffixes often denote automotive grade or specific packaging (Tape & Reel). 1. **Automotive Electronics:** Engine Control Units (ECUs), LED lighting drivers, and Advanced Driver Assistance Systems (ADAS). 2. **Voltage Regulator Modules (VRM):** Used in high-end GPUs and CPUs for power phase filtering. 3. **DC-DC Converters:** Point-of-Load (POL) power supplies for industrial equipment. --- ### 5. Identification of the Part Number * **M5:** Often refers to the physical size series (e.g., 5mm x 5mm footprint). * **R63:** Indicates the inductance value (0.63 µH). * **TQ:** Typically represents the series type (High current, metal composite). * **-R:** Usually indicates "RoHS Compliant" and "Tape & Reel" packaging.
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current (Isat) for this specific inductor?
    • ⤷ Can this inductor be used in high-vibration automotive environments?
    • ⤷ What are the physical dimensions (footprint) of the M5 series?