전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R63ZH-R

  • AI
    The **M5R63ZH-R** is a specific part number belonging to the **N-Channel Power MOSFET** family, typically manufactured by companies like STMicroelectronics or similar high-power semiconductor vendors. These components are designed to handle high voltage and current with high efficiency. --- ## 1. Technical Specifications The "M5" series usually refers to MDmesh™ V technology, which is optimized for low on-resistance. Below are the typical technical parameters for this class of component: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Type** | N-Channel | Standard polarity for low-side switching. | | **Drain-Source Voltage ($V_{DSS}$)** | 600V - 650V | Maximum voltage the device can withstand. | | **Drain Current ($I_D$)** | ~50A - 65A | Continuous current handling capability. | | **$R_{DS(on)}$** | ~0.063 $\Omega$ | Static drain-source on-resistance (Low is better). | | **Package** | TO-247 / TO-220 | Common high-power through-hole packages. | | **Gate Charge ($Q_g$)** | Low | Optimized for fast switching speeds. | --- ## 2. Key Electronic Features The internal electronics of the M5R63ZH-R are built using **Super-junction technology**. This provides several advantages over standard MOSFETs: * **Ultra-low On-resistance:** The "63" in the part number often signifies the $R_{DS(on)}$ value (63 m$\Omega$), which minimizes power loss during the "ON" state. * **High dv/dt Ruggedness:** The device is built to withstand rapid voltage changes without failing, making it reliable in noisy electromagnetic environments. * **Fast Switching:** Reduced internal capacitance allows the transistor to turn on and off rapidly, increasing the efficiency of power supplies. --- ## 3. Common Applications Due to its high voltage rating and low heat dissipation, this part is used in the following electronic systems: 1. **Switch Mode Power Supplies (SMPS):** Used as the primary switch in AC-DC converters. 2. **Solar Inverters:** Converting DC power from panels to AC power for the grid. 3. **Uninterruptible Power Supplies (UPS):** Managing high-current battery backup systems. 4. **Electric Vehicle (EV) Chargers:** High-efficiency charging stages. --- ## 4. Pinout Configuration (Standard TO-247) If you are integrating this onto a PCB, the typical pin configuration is: ```markdown 1. Gate (G) : Control signal input. 2. Drain (D) : Connected to the load (connected to the metal tab). 3. Source (S) : Connected to the ground or common return. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M5R63ZH-R?
    • ⤷ Can this MOSFET be used in parallel for higher current applications?
    • ⤷ What are the recommended gate driver voltages for this device?