전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R64ZLJ-R

  • AI
    Based on the part number **M5R64ZLJ-R**, this component is a high-performance **Shielded Power Inductor** typically manufactured by companies like **Coilmaster Electronics** or similar specialist magnetic component providers. These components are designed for high-density power applications where space is limited and electromagnetic interference (EMI) must be minimized. ### Technical Specifications The "M5R64" prefix usually refers to the series and physical footprint of the inductor. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | SMD Shielded Power Inductor | | **Inductance** | 0.64 µH (Commonly indicated by the "64" code) | | **Shielding** | Magnetically Shielded (Reduces EMI) | | **Core Material** | Carbonyl Iron or Metal Alloy Powder | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Packaging** | Tape & Reel ("-R" suffix) | --- ### Key Features 1. **Low Profile Construction:** Designed for compact electronics like laptops, servers, and handheld devices. 2. **High Saturation Current:** The metal powder core construction allows the part to handle high peak currents without the inductance dropping off sharply. 3. **Low DCR (DC Resistance):** This minimizes power loss and heat generation, increasing the overall efficiency of the power supply circuit. 4. **Shielded Design:** The magnetic field is contained within the component body, preventing interference with neighboring sensitive components on the PCB. --- ### Common Applications * **DC-DC Converters:** Used in Buck, Boost, and Buck-Boost topologies. * **Voltage Regulator Modules (VRM):** Found near CPUs and GPUs in computing hardware. * **Battery Powered Devices:** Optimized for efficiency to extend battery life. * **Telecommunications:** Used in high-frequency power distribution units. --- ### Internal Structure The part consists of a copper wire coil wound around a soft magnetic metal powder core. The entire assembly is molded under high pressure, which creates the "shielded" effect and provides excellent mechanical stability against vibration and thermal shock.
    ✨ Follow-up Questions
    • ⤷ What is the saturation current rating for the M5R64 series?
    • ⤷ Can this inductor be used in automotive grade applications?
    • ⤷ What are the physical dimensions (footprint) of the M5R64 package?