전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R65RP-R

  • AI
    The **M5R65RP-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are foundational in modern power management circuits, particularly for voltage regulation. --- ## 1. Component Overview The alphanumeric code "M5R65RP-R" describes the physical and electrical characteristics of the inductor. While specific manufacturers (like Eaton/Coiltronics or Vishay) may have slight variations, the general specifications are as follows: | Feature | Specification | | :--- | :--- | | **Component Type** | Fixed Inductor (Power) | | **Inductance Value** | 0.65 µH (Microhenries) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Powdered Iron or Ferrite | | **Packaging** | Tape & Reel (indicated by the "-R") | --- ## 2. Key Technical Attributes ### A. Inductance (0.65 µH) The "R65" in the part number represents the decimal point for the inductance value. In this case, **0.65 µH**. This is a relatively low inductance value, which suggests the component is designed for **high-frequency switching** power supplies. ### B. Current Rating (Saturation & RMS) Power inductors of this size are designed to handle high currents. * **Isat (Saturation Current):** The level of DC current that causes the inductance to drop (usually by 20-30%). * **Irms (Heating Current):** The continuous current that causes a specific temperature rise (usually 40°C) in the component. ### C. Construction & Shielding Most parts in this series are **magnetically shielded**. This is critical for: * Reducing Electromagnetic Interference (EMI). * Preventing the magnetic field of the inductor from interfering with nearby sensitive components on the PCB. --- ## 3. Common Applications The M5R65RP-R is most commonly found in **DC-DC Converters** and **Voltage Regulator Modules (VRMs)**. 1. **Computing:** Motherboards, Graphics Cards (GPU power phases), and Servers. 2. **Telecommunications:** Network switches and base stations. 3. **Consumer Electronics:** High-end laptops and gaming consoles where high efficiency and low profile are required. --- ## 4. Typical Footprint (Dimensions) While exact dimensions depend on the "M5" series designation from the specific manufacturer, these parts generally follow a standard metric or imperial footprint (e.g., 5mm x 5mm or 7mm x 7mm). They are designed for automated pick-and-place assembly. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Amps) for the M5R65RP-R?
    • ⤷ Which manufacturers produce equivalents for this specific inductor?
    • ⤷ How do I test if this inductor is functioning correctly on a PCB?