전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R65XHJ-R

  • AI
    The **M5R65XHJ-R** is a high-performance power inductor, typically manufactured by companies like **Coilcraft** or similar high-end magnetic component producers. It is designed for use in DC-DC converters, voltage regulation modules (VRMs), and high-current power supplies. --- ### 1. Component Overview The part number follows a specific nomenclature related to its physical size, inductance value, and shielding properties. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Power Inductor (Surface Mount - SMD) | | **Inductance** | 0.65 µH (Microhenries) | | **Core Material** | Composite / Metal Alloy (Shielded) | | **Application** | High-frequency DC-DC converters, Laptop/Server VRMs | | **Mounting** | Surface Mount Technology (SMT) | --- ### 2. Key Technical Characteristics #### A. Power Handling & Efficiency * **High Saturation Current ($I_{sat}$):** Designed to handle high peak currents without the magnetic core "saturating." This ensures the inductance remains stable even under heavy loads. * **Low DCR (DC Resistance):** The internal copper winding has very low resistance, which minimizes heat generation and improves overall power efficiency. #### B. Magnetic Shielding The "XHJ" series usually denotes a **shielded construction**. This is critical for: * Reducing Electromagnetic Interference (EMI). * Protecting sensitive nearby components from the inductor's magnetic field. #### C. Thermal Stability The composite core material is engineered to operate across a wide temperature range (typically $-40^\circ\text{C}$ to $+125^\circ\text{C}$) with minimal aging or performance degradation. --- ### 3. Common Applications Due to its high current density and small footprint, this part is found in: 1. **Computing:** GPU and CPU power stages. 2. **Telecommunications:** High-efficiency base station power modules. 3. **Industrial:** Compact point-of-load (POL) converters. --- ### 4. Technical Comparison (Typical Metrics) *Below is a representative look at the electrical performance typical for this class of inductor:* | Parameter | Value (Approx.) | | :--- | :--- | | **Inductance Tolerance** | $\pm 20\%$ | | **DCR Max** | ~1.5 - 3.0 mΩ | | **Isat (Saturation Current)** | ~20A - 40A (Depending on exact package size) | | **Operating Frequency** | Up to 5 MHz |
    ✨ Follow-up Questions
    • ⤷ What are the exact physical dimensions of the M5R65XHJ-R package?
    • ⤷ Can you provide a comparison of DCR values between the M5R65 and similar series?
    • ⤷ What is the recommended solder reflow profile for this inductor?