전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R65XPJ-R

  • AI
    The **M5R65XPJ-R** is a specific electronic component, typically categorized as a high-performance **Metal-Oxide-Semiconductor Field-Effect Transistor (MOSFET)** or a specialized power management IC, often used in automotive or industrial power supply applications. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, the following table summarizes its typical electrical characteristics: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | N-Channel Power MOSFET | | **Drain-Source Voltage ($V_{DSS}$)** | 650V | | **Continuous Drain Current ($I_D$)** | ~5A - 7A (depending on thermal management) | | **Package Type** | TO-220 or DPAK (Surface Mount) | | **Rds(on)** | Low Resistance (Efficiency focused) | | **Mounting Type** | Through-hole or SMD | --- ### 2. Core Internal Parts & Structure The electronic "parts" or architecture inside this component involve several layers of semiconductor material: * **Gate Oxide Layer:** A thin layer of silicon dioxide that acts as an insulator between the gate terminal and the channel. * **The Channel:** The region where electrons flow from the Source to the Drain when a voltage is applied to the Gate. * **Body Diode:** An intrinsic parasitic diode formed within the structure, useful for inductive load switching (freewheeling). * **Polysilicon Gate:** The control electrode that determines the switching state of the device. --- ### 3. Application Use Cases This component is designed for high-voltage switching environments. Common applications include: 1. **LED Drivers:** Controlling power flow in high-brightness lighting systems. 2. **AC/DC Adapters:** Used in the primary side of switching power supplies (SMPS). 3. **DC-DC Converters:** Stepping up or down voltages in industrial equipment. 4. **Motor Control:** Small motor drive circuits requiring high-voltage tolerance. --- ### 4. Circuit Symbol Representation In a schematic, the M5R65XPJ-R is represented by the standard N-Channel Enhancement Mode MOSFET symbol: ```text Drain (D) | |---+ Gate (G) --| <-- Channel |---+ | Source (S) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M5R65XPJ-R?
    • ⤷ Can this MOSFET be used in logic-level switching directly from a microcontroller?
    • ⤷ What are the recommended heat sink requirements for this part?