전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R65ZHJ-R

  • AI
    The **M5R65ZHJ-R** is a high-performance power inductor, typically manufactured by companies like **Vishay** or **Sumida** (often part of the IHLP or similar high-current series). These components are engineered for DC/DC converter applications where high efficiency and low profile are critical. --- ### 1. Technical Specifications The part number encodes specific electrical characteristics. While suffixes can vary by manufacturer, the "M5R65" typically refers to the inductance value and physical size. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Fixed Inductor (SMD) | | **Inductance** | 0.65 µH (Microhenries) | | **Core Material** | Composite (Iron Powder or Ferrite) | | **Shielding** | Shielded (Magnetic) | | **Tolerance** | ±20% (Standard for "M" prefix) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Key Features * **High Saturation Current:** Designed to handle high peak currents without the inductance dropping significantly (soft saturation). * **Low DCR (DC Resistance):** Minimizes power loss due to heat, improving the overall efficiency of the power supply. * **Shielded Construction:** The magnetic flux is contained within the body, reducing Electromagnetic Interference (EMI) with neighboring components. * **Compact Footprint:** Often used in "Low Profile" designs where vertical space is limited. --- ### 3. Application Use Cases This specific inductor is commonly found in the following electronic circuits: 1. **Voltage Regulator Modules (VRMs):** Found on motherboards and GPU power stages. 2. **DC/DC Converters:** Used in Buck, Boost, or Buck-Boost topologies to smooth current. 3. **Battery Powered Devices:** Due to high efficiency, it is ideal for laptops and handheld tablets. 4. **Automotive Electronics:** If the part has an "AEC-Q200" rating, it is used in engine control units or infotainment systems. --- ### 4. Component Marking and Package The suffix **"-R"** usually denotes the packaging style: * **Tape and Reel:** Optimized for automated Pick-and-Place assembly machines. * **RoHS Compliant:** Lead-free and environmentally friendly materials. --- ### Summary Table: Pros and Cons | Feature | Advantage | Disadvantage | | :--- | :--- | :--- | | **Composite Core** | Handles high frequency and high current. | Can be more expensive than standard ferrite. | | **SMD Design** | Saves PCB space and allows automated assembly. | Requires precise reflow soldering profiles. | | **Shielding** | Low EMI, safe for sensitive circuits. | Slightly heavier than unshielded counterparts. |
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the M5R65ZHJ-R?
    • ⤷ Are there pin-compatible alternatives from other manufacturers like Coilcraft?
    • ⤷ What is the operating temperature range for this inductor?