전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R73TL-R

  • AI
    The **M5R73TL-R** is a specific electronic component, typically categorized as a **Small Signal Switching Diode** or a **Schottky Barrier Diode**, often manufactured by companies like ROHM Semiconductor (though part numbering can vary by vendor). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The M5R73TL-R is designed for high-speed switching and low-power applications. It is commonly found in surface-mount packages. | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Type** | Schottky Barrier Diode | Metal-semiconductor junction for low voltage drop. | | **Max Reverse Voltage ($V_R$)** | 30V - 40V | Maximum voltage the diode can block in reverse. | | **Forward Current ($I_F$)** | 30mA - 100mA | Continuous current allowed in the forward direction. | | **Forward Voltage ($V_F$)** | ~0.37V to 0.5V | Voltage drop across the diode (very low). | | **Package Type** | SOD-523 / VMN2 | Ultra-small surface mount package. | | **Operating Temp** | -55°C to +125°C | Standard industrial temperature range. | --- ### 2. Key Electronic Features * **Low Forward Voltage:** Because it is a Schottky diode, it has a much lower forward voltage drop compared to standard silicon diodes ($0.7V$). This improves efficiency in battery-powered devices. * **High Speed Switching:** It has very low junction capacitance, allowing it to switch on and off rapidly. * **Small Form Factor:** The "TL" in the suffix often refers to the taping/packaging style (Tape & Reel), and the "R" indicates the orientation or specific ROHM series identification. It is designed for high-density circuit boards. --- ### 3. Typical Applications The M5R73TL-R is used in circuits where space is limited and power efficiency is critical: 1. **High-frequency Rectification:** Converting small AC signals to DC. 2. **Logic Level Shifting:** Protecting sensitive IC pins. 3. **Reverse Polarity Protection:** Preventing damage if a small battery is inserted backwards. 4. **Signal Clamping:** Limiting the voltage swing in high-speed data lines. --- ### 4. Circuit Symbol and Pinout In a schematic, it follows the standard Schottky diode symbol (a triangle with "S" hooks on the bar). ```text Anode (1) Cathode (2) +-------|>|-------+ (Marking indicates Cathode) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact package dimension for the SOD-523 footprint?
    • ⤷ How does the power dissipation of the M5R73TL-R compare to a standard 1N4148?
    • ⤷ Can this diode be used for high-current power rectification?