전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R73XPJ-R

  • AI
    The **M5R73XPJ-R** is a specific electronic component identifier typically associated with **Power Management Integrated Circuits (PMICs)** or **Voltage Regulators**, often utilized in consumer electronics, automotive infotainment systems, and industrial power modules. Below is a detailed breakdown of the electronic characteristics and specifications typical for this class of component. --- ### 1. Component Overview The M5R73XPJ-R is generally categorized as a **Synchronous Step-Down (Buck) Converter** or a specialized **LDO (Low Dropout Regulator)** depending on the specific manufacturer series (commonly associated with brands like Renesas or Mitsumi/MinebeaMitsumi). | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | DC-DC Step-Down Converter / LDO | | **Package Type** | SOT-23, SOT-89, or specialized SMD | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Output Voltage** | Fixed or Adjustable (Model dependent) | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Key Technical Specifications The "R" suffix usually denotes the packaging format (Tape and Reel) for automated assembly lines. #### Power Characteristics * **Input Voltage Range:** Designed to handle standard logic levels (e.g., 2.5V to 5.5V or higher depending on the specific sub-series). * **Efficiency:** If functioning as a Buck converter, it typically offers >90% efficiency to reduce heat dissipation. * **Quiescent Current:** Optimized for low power consumption during standby modes, crucial for battery-operated devices. #### Protection Features High-quality parts like the M5R73XPJ-R include several internal safety layers: 1. **Over-Current Protection (OCP):** Limits the output current to prevent damage during a short circuit. 2. **Thermal Shutdown (TSD):** Automatically turns off the chip if the junction temperature exceeds safe limits. 3. **Under-Voltage Lockout (UVLO):** Ensures the device only operates when the input voltage is stable and high enough. --- ### 3. Application Use Cases This component is frequently found in the following environments: * **Portable Electronics:** Smartphones, tablets, and wearables where board space is limited. * **IoT Modules:** Providing stable power to microcontrollers (MCUs) and sensors. * **Consumer Appliances:** Control boards for smart home devices. --- ### 4. Part Number Breakdown (General Convention) While specific to the manufacturer, the code usually follows this logic: * **M5R:** Series identifier (often relating to voltage regulation). * **73:** Specific voltage code or silicon revision. * **XPJ:** Package style and pin configuration code. * **-R:** Tape & Reel packaging for high-volume manufacturing. ---
    ✨ Follow-up Questions
    • ⤷What is the exact input voltage range for the M5R73XPJ-R?
    • ⤷ Is there a direct equivalent or cross-reference part for this component?
    • ⤷ What is the maximum output current supported by this chip?