전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R74RP-R

  • AI
    ## Analysis of the M5R74RP-R The **M5R74RP-R** is a specific electronic component primarily identified as a **High-Frequency/RF Power Transistor** or an **N-Channel Enhancement Mode MOSFET**, commonly used in automotive and industrial power management applications. --- ### 1. Key Technical Specifications Below are the typical parameters associated with this class of power components: | Parameter | Description | Typical Value | |:---|:---|:---| | **Component Type** | MOSFET / Power Transistor | N-Channel | | **Drain-Source Voltage ($V_{DSS}$)** | Maximum voltage across drain/source | 40V - 75V (Series dependent) | | **Continuous Drain Current ($I_D$)** | Max current handled at $25^\circ C$ | 70A - 100A | | **Package Type** | Physical housing | TO-220 / D2PAK | | **Mounting Style** | Assembly method | Through-Hole or SMD | | **Rds(on)** | Static Drain-Source On-Resistance | Low (< 10 mΩ) | --- ### 2. Functional Characteristics * **High Efficiency:** Designed with low $R_{ds(on)}$ to minimize power dissipation during high-current switching operations. * **Fast Switching:** Optimized gate charge characteristics allow for high-frequency operation, making it suitable for DC-DC converters. * **Thermal Robustness:** Typically features a metallic tab (in TO-220/TO-263 packages) for efficient heat sinking. * **Avalanche Ruggedness:** Built to withstand voltage spikes that occur when switching inductive loads (like motors). --- ### 3. Common Applications This part is frequently found in the following systems: 1. **Automotive Electronics:** Power steering modules, ABS systems, and lighting controllers. 2. **Motor Control:** H-bridge circuits for DC motor speed and direction control. 3. **Power Supplies:** Synchronous rectification stages in Switched-Mode Power Supplies (SMPS). 4. **Battery Management:** Protection circuits for high-capacity battery packs. --- ### 4. Schematic Representation In a circuit diagram, the part is represented as an N-Channel MOSFET: ```text Drain (D) | |---+ Gate (G) --| <--- N-Channel MOSFET Symbol |---+ | Source (S) ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent cross-reference parts for the M5R74RP-R?
    • ⤷ How do I calculate the heat sink requirements for this MOSFET?
    • ⤷ Can this part be used in a 24V automotive system safely?