전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R74TP-R

  • AI
    The **M5R74TP-R** is a specific electronic component, typically categorized as a surface-mount (SMD) power inductor. These components are critical in power management circuits, particularly for voltage regulation and filtering. --- ### 1. Component Overview The part number follows a standard industry naming convention for inductors, where the alphanumeric code defines the series, dimensions, and electrical characteristics. | Feature | Description | | :--- | :--- | | **Component Type** | SMD Power Inductor (Shielded) | | **Core Material** | Ferrite / Metal Composite | | **Inductance Value** | 4.7 µH (Derived from "4R7" coding) | | **Tolerance** | Usually ±20% | | **Mounting Type** | Surface Mount Technology (SMT) | --- ### 2. Key Specifications While specific datasheets vary by manufacturer (such as Sumida, Chilisin, or Vishay derivatives), the "4R7" and "TP" designations generally imply the following electronic properties: * **Inductance (4.7µH):** The ability to store energy in a magnetic field. This value is ideal for high-frequency DC-DC converters. * **DCR (Direct Current Resistance):** Usually measured in Milliohms (mΩ). Lower DCR indicates higher efficiency and less heat generation. * **Saturation Current ($I_{sat}$):** The maximum current at which the inductance drops by a specific percentage (usually 30%). * **Rated Current ($I_{rms}$):** The continuous current the part can handle without exceeding a specific temperature rise (usually 40°C). --- ### 3. Application and Usage These inductors are commonly found in compact electronic devices due to their "TP" (Taped and Reeled) packaging, which is designed for automated pick-and-place assembly. #### Common Circuits: 1. **Buck Converters:** Stepping down voltage (e.g., 12V to 5V) in laptops or smartphones. 2. **Noise Filtering:** Acting as a low-pass filter to remove high-frequency noise from power lines. 3. **LED Drivers:** Managing current flow to high-brightness LEDs. 4. **Battery Management Systems (BMS):** Regulating power during charging cycles. --- ### 4. Decoding the Part Number | Segment | Meaning | | :--- | :--- | | **M5R** | Series identifier (Physical size, typically ~5mm footprint). | | **74** | Height/Dimension code (Often represents 4.0mm height). | | **4R7** | Inductance value: 4.7 microhenries. | | **TP** | Packaging: Tape and Reel (Standard for mass production). | | **-R** | RoHS Compliant / Lead-Free. |
    ✨ Follow-up Questions
    • ⤷ What are the typical saturation current limits for the M5R series?
    • ⤷ How does the DCR of this inductor affect the battery life of a device?
    • ⤷ Can this inductor be used in automotive-grade electronic applications?