전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R75XLJ-R

  • AI
    Based on the part number **M5R75XLJ-R**, this component is a high-performance **Clock Oscillator** (specifically an XO - Crystal Oscillator) manufactured by **MtronPTI**. These parts are typically utilized in high-speed networking, telecommunications, and server applications where low jitter and high stability are critical. --- ## Technical Specifications & Features The part number follows a specific nomenclature. Here is a breakdown of its electronic characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | PECL Oscillator | Positive Emitter-Coupled Logic (Differential) | | **Output Type** | LVPECL | Low Voltage PECL for high-speed data transfer | | **Frequency Stability** | ±50 ppm or ±25 ppm | Varies by specific dash code, but generally high precision | | **Supply Voltage** | 3.3V (Typical) | Standard voltage for modern digital logic circuits | | **Package Size** | 5.0 x 7.0 mm | SMT (Surface Mount Technology) J-lead or Ceramic package | | **Operating Temp** | -40°C to +85°C | Industrial temperature range | | **Jitter Performance** | Ultra-Low | Designed for minimal timing deviations (Femtosecond range) | --- ## Part Number Breakdown (M5R75XLJ-R) 1. **M5R**: Refers to the series (5x7mm surface mount, 3.3V, LVPECL). 2. **75**: Represents the Frequency Stability (typically ±50ppm). 3. **X**: Temperature Range (Standard Industrial -40°C to +85°C). 4. **L**: Duty Cycle / Symmetry (Usually 45/55%). 5. **J**: Packaging type (Tape & Reel or specific Lead configuration). 6. **-R**: RoHS Compliant (Lead-free). --- ## Key Applications Because the **M5R75XLJ-R** provides a differential LVPECL output, it is highly resistant to electromagnetic interference (EMI) and is used in: * **Gigabit Ethernet:** Timing for network switches and routers. * **Fibre Channel:** Storage area networking. * **SONET/SDH:** Optical transmission equipment. * **FPGA Clocking:** Providing stable reference clocks for high-end Xilinx or Intel FPGAs. --- ## PCB Layout Considerations When integrating this part into a circuit, keep the following in mind: ```markdown 1. Bypass Capacitors: Place a 0.01µF to 0.1µF ceramic capacitor as close to the VDD pin as possible. 2. Termination: LVPECL requires specific termination (usually 50 ohms to Vcc-2V) to ensure signal integrity. 3. Trace Routing: Keep differential output traces (OUT and OUT-complement) symmetrical and of equal length. ```
    ✨ Follow-up Questions
    • ⤷ What is the exact output frequency for the M5R75XLJ-R variant?
    • ⤷ How does LVPECL termination differ from LVDS in this oscillator?
    • ⤷ Are there pin-compatible alternatives from other manufacturers like Epson or SiTime?