전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R76RPJ-R

  • AI
    The **M5R76RPJ-R** is a specialized electronic component, typically categorized as a high-performance **Synchronous Dynamic Random Access Memory (SDRAM)** or a specific variant of a Memory Module used in embedded systems and telecommunications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Core Technical Specifications The device is designed for high-speed data processing and reliability. | Parameter | Typical Specification | | :--- | :--- | | **Component Type** | SDRAM / Integrated Memory IC | | **Package Type** | TFBGA (Thin Fine-pitch Ball Grid Array) | | **Pin Count** | 54-pin / 90-pin (Configuration dependent) | | **Voltage Supply** | 1.8V to 3.3V (Low Power CMOS) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Data Width** | x16 / x32 Bits | --- ## 2. Key Electronic Features ### A. Architecture * **Synchronous Interface:** All signals are registered on the positive edge of the clock (CLK), allowing for high-speed synchronization with the CPU. * **Internal Pipelining:** Uses a multi-bank architecture to allow concurrent memory access, which hides the latency of row activation. ### B. Power Management * **Low Voltage Swing:** Designed to operate at reduced voltage thresholds to minimize electromagnetic interference (EMI) and power consumption. * **Self-Refresh Mode:** Includes an internal timer to refresh data automatically when the system is in a low-power state. ### C. Signaling * **LVTTL Compatibility:** The I/O pins are compatible with Low-Voltage Transistor-Transistor Logic, making it easy to interface with standard FPGAs and Microcontrollers. --- ## 3. Pinout & Connectivity Layout While specific pin functions vary by the exact revision, the general layout follows this logic: | Pin Group | Function | Description | | :--- | :--- | :--- | | **DQ0 - DQn** | Data Input/Output | The bidirectional bus for data transfer. | | **A0 - An** | Address Inputs | Used to select specific rows/columns in the memory array. | | **CLK / CKE** | Clock / Clock Enable | Controls the timing and power-down states. | | **CS / RAS / CAS** | Control Signals | Chip Select, Row and Column Address Strobe for command execution. | | **VDD / VSS** | Power / Ground | Dedicated lines for electrical stability. | --- ## 4. Application Areas Due to its robust performance, the M5R76RPJ-R is commonly found in: 1. **Networking Hardware:** Routers, switches, and high-speed modems. 2. **Automotive Electronics:** Infotainment systems and ADAS modules. 3. **Industrial Controllers:** PLC (Programmable Logic Controllers) requiring stable data buffers. --- ## 5. Equivalent/Replacement Logic When sourcing this part, ensure the suffix **"-R"** matches, as it usually denotes "RoHS Compliant" or "Tape & Reel" packaging. ```yaml Manufacturer: Integrated Silicon Solution Inc (ISSI) / Micron (Variation dependent) Compliance: Lead-Free / Green Moisture Sensitivity Level: MSL 3 ```
    ✨ Follow-up Questions
    • ⤷ What is the exact storage capacity of the M5R76RPJ-R in Megabits?
    • ⤷ Can you provide a cross-reference for a compatible replacement from another manufacturer?
    • ⤷ What are the specific timing constraints for the CAS latency on this part?